Electronic Components Datasheet Search
  English  ▼

X  

OP58TS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OP58TS
Description  High speed, high output pin photo diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OP58TS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OP58TS Datasheet HTML 1Page - List of Unclassifed Manufacturers OP58TS Datasheet HTML 2Page - List of Unclassifed Manufacturers OP58TS Datasheet HTML 3Page - List of Unclassifed Manufacturers OP58TS Datasheet HTML 4Page - List of Unclassifed Manufacturers OP58TS Datasheet HTML 5Page - List of Unclassifed Manufacturers OP58TS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OP58TS
Photo Diode
■ Absolute Maximum Ratings
(Ta= 25℃)
■ Electro-Optical Characteristics
(Ta=25℃)
Opto-Device Technology
℃
℃
℃
V
Unit
-30 ~ 90
-20 ~ 80
150
30
Ratings
TSTG
TOPR
TJ
BVR
Symbol
Storage Temperature
Operating Temperature
Junction Temperature
Reverse Breakdown Voltage
Parameter
*1 : Parallel light of 1,000lux illumination is applied by a tungsten lamp of 2856K
2
■ Description
The OP58TS is a high speed, high output pin photo diode,
mounted in a low-cost PCB package.
■ Features
●
High output power
●
High-speed response
●
Easy to mount on PCB
●
Low dark current
■ Applications
●
Fiber optic communication
●
Optical switches
㎂
-
4
-
Condition*2
ISC
nm
1100
-
450
λ
Spectrum Sensitivity
㎷/℃
-
-2.2
-
αt
Temp. Coefficient of Voc
㎁
100
-
VR=5V
ID
Dark Current
nm
-
940
-
λp
Peak Sensing Wavelength
V
-
70
30
Ir=10㎂
BVR
Reverse Breakdown Voltage
%/℃
-
0.18
-
βt
Temp. Coefficient of Isc
Deg.
㎊
㎂
V
Unit
-
-
-
-
Max
±60
22
30.5
0.38
Typ
-
-
19
0.35
Min
f=1MHz
Ev=1,000lux *1
Ev=1,000lux *1
Conditions
ΔΘ
Ct
ISC
Voc
Symbol
Capacitance
Short Circuit Current
Open Circuit Voltage
Half Angle
Parameter
*2 : Light source : Laser Diode (λ=780nm), IF=20, Distance = 30mm
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com