Electronic Components Datasheet Search
  English  ▼

X  

MAX17552 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17552
Description  5V Output Voltage Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17552 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17552 Datasheet HTML 1Page - Maxim Integrated Products MAX17552 Datasheet HTML 2Page - Maxim Integrated Products MAX17552 Datasheet HTML 3Page - Maxim Integrated Products MAX17552 Datasheet HTML 4Page - Maxim Integrated Products MAX17552 Datasheet HTML 5Page - Maxim Integrated Products MAX17552 Datasheet HTML 6Page - Maxim Integrated Products MAX17552 Datasheet HTML 7Page - Maxim Integrated Products MAX17552 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17552/MAX17552B (TDFN)
in 5V Output Voltage Applications
MAX17552 5V Output
Evaluation Kit (TDFN)
Component List
Component Suppliers
Note: Indicate that you are using the MAX17552ATB when contacting these component suppliers.
DESIGNATION QTY
DESCRIPTION
C1
1
22µF, 100V electrolytic capacitor
(8.3mm x 8.3mm)
Panasonic EEVFK2A220P
C2
1
1µF ±10%, 100V X7R ceramic
capacitor (1206)
Murata GRM31CR72A105K
C3
1
10µF ±10%, 6.3V X7R ceramic
capacitor (1206)
Murata GRM31CR70J106K
C4
0
Not installed, ceramic capacitor
C5
1
0.22uF ±10%, 16V X7R ceramic
capacitor (0402)
Murata GRM155R71C224K
JU1–JU3
3
2-pin headers
L1
1
220µH, 235mA inductor
Coilcraft, Inc. LPS5030-224ML
DESIGNATION QTY
DESCRIPTION
R1
1
3.01MΩ ±1% resistor (0402)
R2
1
787kΩ ±1% resistor (0402)
R3
1
191kΩ ±1% resistor (0402)
R4
1
261kΩ ±1% resistor (0402)
R5
1
49.9kΩ ±1% resistor (0402)
R6
1
100kΩ ±1% resistor (0402)
R7
1
22.1Ω ±1% resistor (0402)
U1
1
60V, 100mA, ultra-small, high-
efficiency, synchronous step-down
DC-DC converter with 22µA no-
load supply current (10 TDFN-EP*)
Maxim MAX17552ATB+
—
3
Shunts
—
1
PCB: MAX17552ATB-5V
EVALUATION KIT
SUPPLIER
PHONE
WEBSITE
Coilcraft, Inc.
847-639-6400
www.coilcraft.com
Murata Americas
770-436-1300
www.murataamericas.com
Panasonic Corp.
800-344-2112
www.panasonic.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com