Electronic Components Datasheet Search
  English  ▼

X  

MAX17546 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17546
Description  3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17546 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17546 Datasheet HTML 1Page - Maxim Integrated Products MAX17546 Datasheet HTML 2Page - Maxim Integrated Products MAX17546 Datasheet HTML 3Page - Maxim Integrated Products MAX17546 Datasheet HTML 4Page - Maxim Integrated Products MAX17546 Datasheet HTML 5Page - Maxim Integrated Products MAX17546 Datasheet HTML 6Page - Maxim Integrated Products MAX17546 Datasheet HTML 7Page - Maxim Integrated Products MAX17546 Datasheet HTML 8Page - Maxim Integrated Products MAX17546 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17546
3.3V Output-Voltage Application
MAX17546EVKITA# Evaluation Kit
(24V input voltage, unless otherwise noted.)
#Denotes RoHS compliant.
Note: Indicate that you are using the MAX17546 when contacting these component suppliers.
EV Kit Performance Report (continued)
2ms/div
100mV/div
LOAD CURRENT STEPPED FROM 5mA TO 2.5A
3.3V OUTPUT, PFM MODE
VOUT
(AC)
1A/div
ILX
TOC07
MODE = OPEN
40
μs/div
100mV/div
LOAD CURRENT STEPPED FROM 2.5A TO 5A
3.3V OUTPUT, PWM MODE
VOUT
(AC)
2A/div
ILX
TOC09
1A/div
200
μs/div
VOUT
(AC)
100mV/div
LOAD CURRENT STEPPED FROM 50mA TO 2.5A
3.3V OUTPUT, DCM MODE
IOUT
TOC08
MODE = VCC
FREQUENCY (Hz)
BODE PLOT, 3.3V OUTPUT
5A LOAD CURRENT
1k
10k
100k
120
100
80
60
40
20
0
-20
-40
-60
-80
GAIN
PHASE
60
50
40
30
20
10
0
-10
-20
-30
-40
CROSSOVER FREQUENCY = 51kHz
PHASE MARGIN = 60.5°
toc10
Ordering Information
Component Suppliers
PART
TYPE
MAX17546EVKITA#
EV Kit
SUPPLIER
WEBSITE
Coilcraft, Inc.
www.coilcraft.com
TDK Corp.
www.tdk.com
NICHICON
www.nichicon.co.jp
Murata Americas
www.murata.com
Vishay
www.vishay.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com