Electronic Components Datasheet Search
  English  ▼

X  

PCA9513AD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9513AD
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9513AD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9513AD Datasheet HTML 9Page - NXP Semiconductors PCA9513AD Datasheet HTML 10Page - NXP Semiconductors PCA9513AD Datasheet HTML 11Page - NXP Semiconductors PCA9513AD Datasheet HTML 12Page - NXP Semiconductors PCA9513AD Datasheet HTML 13Page - NXP Semiconductors PCA9513AD Datasheet HTML 14Page - NXP Semiconductors PCA9513AD Datasheet HTML 15Page - NXP Semiconductors PCA9513AD Datasheet HTML 16Page - NXP Semiconductors PCA9513AD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PCA9513A_PCA9514A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2005
13 of 25
Philips Semiconductors
PCA9513A; PCA9514A
Hot swappable I2C-bus and SMBus bus buffer
9.
Application design-in information
Fig 12. Typical application of PCA9513A
Fig 13. Typical application of PCA9514A
002aab679
ENABLE
READY
GND
4
5
7
2
R5
10 k
Ω
R3
10 k
Ω
R4
10 k
Ω
SCLOUT
SDAOUT
1
6
3
C1
0.01
µF
8
VCC
(2.7 V to 5.5 V)
SCLIN
SDAIN
ENABLE
002aab579
ENABLE
READY
GND
4
5
7
2
R5
10 k
Ω
R3
10 k
Ω
R4
10 k
Ω
SCLOUT
SDAOUT
1
6
3
C1
0.01
µF
8
R1
10 k
Ω
R2
10 k
Ω
VCC
(2.7 V to 5.5 V)
SCLIN
SDAIN
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com