Electronic Components Datasheet Search
  English  ▼

X  

PP1101SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PP1101SC
Description  UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PP1101SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PP1101SC Datasheet HTML 1Page - List of Unclassifed Manufacturers PP1101SC Datasheet HTML 2Page - List of Unclassifed Manufacturers PP1101SC Datasheet HTML 3Page - List of Unclassifed Manufacturers PP1101SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
PP1101SB
&
PP01101SC
05171.R1 5/02
DEVICE CHARACTERISTICS
FIGURE 2
V-I CHARACTERISTIC CURVE
0
1
2
3
t - Time - µs
0
50
100
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1,000µs
t
f
Peak Value I
PP
e-t
FIGURE 1
PULSE WAVE FORM
t
d = t
I
PP/2
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
SYMBOL
VALUE
UNITS
PARAMETER
Amps
°C
°C
°C/Watt
°C/Watt
°C/Watt
°C/Watt
Surge Current - 50/60 Hz (SB/SC)
Junction Temperature
Storage Temperature
Thermal Resistance(Junction) - SB Series
Thermal Resistance(Junction) - SC Series
Thermal Resistance(Ambient) - SB Series
Thermal Resistance(Ambient) - SC Series
I
TSM
T
j
T
STG
R
θjc
R
θjc
R
θja
R
θja
60/32
-40 to 150
-55 to 150
28
26
90
85
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
REPETITIVE
PEAK
OFF-STATE
VOLTAGE
V
DRM
VOLTS
SWITCHING
VOLTAGE
@100V/µs
V
S
VOLTS
PP1101SB
PP1101SC
80
120
DEVICE
MARKING
CODE
MINIMUM
HOLDING
CURRENT
(See Fig. 4)
di/dt = 1A/ms
I
H
mA
SWITCHING
CURRENT
I
S
mA
MAXIMUM
OFF-STATE
CURRENT
(See Fig. 3)
@V
DRM
I
DRM
µA
MAXIMUM
ON-STATE
VOLTAGE
(See Fig. 3)
@I
T
V
T
VOLTS
ON-STATE
CURRENT
I
T
AMPS
TYPICAL
CAPACITANCE
@50V, 1 MHz
C
pF
1.0
1.0
5
5
5
5
800
800
150
150
130
130
95
95
JS
JT
I
PP
I
TSM
I
S
I
H
I
DRM
V
S
V
T
V
DRM
I
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com