Electronic Components Datasheet Search
  English  ▼

X  

MAX17524 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17524
Description  Dual-Output Voltage 3.3V and 5V Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17524 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17524 Datasheet HTML 1Page - Maxim Integrated Products MAX17524 Datasheet HTML 2Page - Maxim Integrated Products MAX17524 Datasheet HTML 3Page - Maxim Integrated Products MAX17524 Datasheet HTML 4Page - Maxim Integrated Products MAX17524 Datasheet HTML 5Page - Maxim Integrated Products MAX17524 Datasheet HTML 6Page - Maxim Integrated Products MAX17524 Datasheet HTML 7Page - Maxim Integrated Products MAX17524 Datasheet HTML 8Page - Maxim Integrated Products MAX17524 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17524 Dual-Output
Voltage 3.3V and 5V Application
MAX17524 Dual Output
Evaluation Kit
(VIN1 = VIN2 = 24V, TA = +25°C, unless otherwise noted.)
4.95
4.96
4.97
4.98
4.99
0
1
2
3
LOAD CURRENT (A)
MAX17524, 5V OUTPUT
LOAD AND LINE REGULATION
(PWM MODE, fSW = 450kHz)
VIN = 24V
VIN = 12V
VIN = 6.5V
VIN = 36V
toc01
VIN = 60V
VIN = 48V
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
LOAD CURRENT (A)
MAX17524, 5V OUTPUT
EFFICIENCY vs. LOAD CURRENT
(PWM MODE, fSW = 450kHz)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 6.5V
toc02
VIN = 48V
VIN = 60V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
LOAD CURRENT (A)
MAX17524, 5V OUTPUT
EFFICIENCY vs. LOAD CURRENT
(PFM MODE, fSW = 450kHz)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 6.5V
toc04
VIN = 48V
VIN = 60V
4.94
4.98
5.02
5.06
5.10
5.14
0
1
2
3
LOAD CURRENT (A)
MAX17524,5VOUTPUT
LOAD AND LINE REGULATION
(PFM MODE, fSW = 450kHz)
VIN = 24V
VIN = 12V
VIN = 6.5V
VIN = 36V
toc03
VIN = 60V
VIN = 48V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
LOAD CURRENT (A)
MAX17524, 5VOUTPUT
EFFICIENCY vs. LOAD CURRENT
(DCM MODE, fSW = 450kHz)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 6.5V
toc06
VIN = 48V
VIN = 60V
4.95
4.96
4.97
4.98
4.99
0
1
2
3
LOAD CURRENT (A)
MAX17524, 5V OUTPUT
LOAD AND LINE REGULATION
(DCM MODE, fSW = 450kHz)
VIN = 24V
VIN = 12V
VIN = 6.5V
VIN = 36V
toc05
VIN = 60V
VIN = 48V
3.29
3.30
3.31
3.32
3.33
3.34
0
1
2
3
LOAD CURRENT (A)
MAX17524,3.3VOUTPUT
LOAD AND LINE REGULATION
(PWM MODE, fSW = 450kHz)
VIN = 24V
VIN = 12V
VIN = 4.5V
VIN = 36V
toc07
VIN = 60V
VIN = 48V
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
LOAD CURRENT (A)
MAX17524, 3.3V OUTPUT
EFFICIENCY vs. LOAD CURRENT
(PWM MODE, fSW = 450kHz)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 4.5V
toc08
VIN = 48V
VIN = 60V
MAX17524 EV Kit Performance Report



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com