Electronic Components Datasheet Search
  English  ▼

X  

R8-TC2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-TC2
Description  Remote I/O R8 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TC2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-TC2 Datasheet HTML 1Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 2Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 3Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 4Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 5Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 6Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R8-TC2
R8-TC2 SPECIFICATIONS
ES-9788 Rev.5 Page 3/7
http://www.m-system.co.jp/
(The described accuracy may be partially not
satisfied when the input temperature is below 0°C. Consult
factory.)
Temp. coefficient
• Pv1 or Pv2: ±0.03 %/°C (± 0.02 %/°F)
• CT1 or CT2: ±0.03 %/°C (± 0.02 %/°F)
Response time
• CT1 or CT2: ≤ 2 sec. (0 – 90 %)
• Mv1 or Mv2: ≤ 1 sec. (0 – 90 %, DC output)
Burnout response time: ≤ 1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute (Pv1 to Pv2 to
Mv1 to Mv2 to exc.supply to CT1 or CT2 or internal bus or
internal power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
CONTROL MODE
Choose from two control mode shown below with
configurator software.
■ Standard PID control
It is available to control two independent loops.
Loop 1: Control by Pv1 and Mv1.
Loop 2: Control by Pv2 and Mv2.
■ Heating and cooling PID control
It is available to control one loop.
Loop 1: Control by Pv1, heating Mv1 and cooling Mv2.
Loop 2 is not available.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com