Electronic Components Datasheet Search
  English  ▼

X  

R8-SS2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-SS2
Description  Remote I/O R8 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-SS2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-SS2 Datasheet HTML 1Page - M-System Co.,Ltd. R8-SS2 Datasheet HTML 2Page - M-System Co.,Ltd. R8-SS2 Datasheet HTML 3Page - M-System Co.,Ltd. R8-SS2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R8-SS2
http://www.m-system.co.jp/
R8-SS2 SPECIFICATIONS
ES-9730 Rev.2 Page 1/4
Remote I/O R8 Series
DC CURRENT INPUT MODULE
(2 points, isolated)
Functions & Features
• 2 channels for DC current input, compact size remote I/O
module
• Isolation between channels
• Input range adjustment with DIP switch or PC configurator
12 (.47)
115 (4.53)
59 (2.32)
mm (inch)
MODEL: R8–SS2[1]
ORDERING INFORMATION
• Code number: R8-SS2[1]
Specify a code from below for [1].
(e.g. R8-SS2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
•Input: 4-pin e-CON connector
PWB connector XN2D-1474-S002 (Omron)
Recommended cable connector XN2A-1470 (Omron)
Applicable wire size 0.08 mm2 (AWG28) - 0.5 mm2 (AWG20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Input 1 to input 2 to exc. supply to internal bus or
internal power
Input range: Selectable with the side DIP SW
Module address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Configuration mode: With DIP switches on the side panel
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Input status indicators: Red LED; Refer to the instruction
manual.
INPUT
Input range: -20 – +20 mA DC configurable
Input range: -5 - +105 % (in percentage of input range)
Input resistance: 100 Ω
INSTALLATION
Max. current consumption: 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 60 g (2.12 oz)
PERFORMANCE
Conversion accuracy (in percentage of input range)
±0.1 % (@ input range -20 - +20 mA)
Conversion accuracy is inversely proportional to input span.
Conversion accuracy computation example:
When input range is 4 - 20 mA: conversion accuracy =
nominal input span (40 mA) ÷ input span (16 mA) × 0.1(%)
= 0.25 (%).
Nominal input span is the same as the span at input range
-20 - +20 mA DC.
Conversion rate: 2 msec.
Input circuit time constant: Approx. 1 msec.
Data range: 0 – 10000 of the input range
Data allocation: 2


Similar Part No. - R8-SS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-SS4N MSYSTEM-R8-SS4N Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS4N/Q MSYSTEM-R8-SS4N/Q Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS4NJ MSYSTEM-R8-SS4NJ Datasheet
217Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS4NJ/Q MSYSTEM-R8-SS4NJ/Q Datasheet
217Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SST8 MSYSTEM-R8-SST8 Datasheet
231Kb / 5P
Remote I/O R8 Series DC CURRENT INPUT MODULE
More results

Similar Description - R8-SS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-FST4N MSYSTEM-R8-FST4N Datasheet
288Kb / 5P
Remote I/O R8 Series DC VOLTAGE/CURRENT INPUT MODULE
R8-FS16N MSYSTEM-R8-FS16N Datasheet
212Kb / 5P
Remote I/O R8 Series DC VOLTAGE/CURRENT INPUT MODULE
R8-CT4E MSYSTEM-R8-CT4E Datasheet
207Kb / 5P
Remote I/O R8 Series AC CURRENT INPUT MODULE
R8-YS2NJ MSYSTEM-R8-YS2NJ Datasheet
222Kb / 4P
Remote I/O R8 Series DC CURRENT OUTPUT MODULE
R8-YS2 MSYSTEM-R8-YS2 Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT OUTPUT MODULE
R8-SV4N MSYSTEM-R8-SV4N Datasheet
207Kb / 4P
Remote I/O R8 Series DC VOLTAGE INPUT MODULE
R8-SV2 MSYSTEM-R8-SV2 Datasheet
201Kb / 4P
Remote I/O R8 Series DC VOLTAGE INPUT MODULE
R8-SST8 MSYSTEM-R8-SST8 Datasheet
231Kb / 5P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS4NJ MSYSTEM-R8-SS4NJ Datasheet
217Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS4N MSYSTEM-R8-SS4N Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com