Electronic Components Datasheet Search
  English  ▼

X  

R80NECT1 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R80NECT1
Description  Remote I/O R80 Series POWER/NETWORK MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80NECT1 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R80NECT1 Datasheet HTML 1Page - M-System Co.,Ltd. R80NECT1 Datasheet HTML 2Page - M-System Co.,Ltd. R80NECT1 Datasheet HTML 3Page - M-System Co.,Ltd. R80NECT1 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R80NECT1
R80NECT1 SPECIFICATIONS
ES-7022 Rev.2 Page 2/4
http://www.m-system.co.jp/
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 210 g (0.46 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(internal bus or internal power or power input to excitation
supply to EthrtCAT or FE1)
EXTERNAL VIEW
PWR
OUT
IN
ERR
RUN
L/A
L/A
Dev ID
X16
X1
ECT
OUT
ECT
IN
PC Configurator Connector
Fixed Address Setting Rotary SW
Connector for Power Supply and
Excitation Supply
Status Indicator LED
Internal Bus Connector
EtherCAT Communication
RJ-45 Modular Jack
WIRING
• POWER SUPPLY AND EXCITATION SUPPLY CONNECTOR
TERMINAL ASSIGNMENT
Unit side connector: MSTBV2,5/5-GF-5, 08AU (Phoenix
Contact)
Cable side connector: TFKC2,5/5-STF-5, 08AU (Phoenix
Contact)
Applicable wire size: 0.2 − 2.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE 0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ 0.34 mm2 (Phoenix Contact)
• AI0,5−10WH 0.5 mm2 (Phoenix Contact)
• AI0,75−10GY 0.75 mm2 (Phoenix Contact)
• AI1−10RD 1.0 mm2 (Phoenix Contact)
• AI1,5−10BK 1.5 mm2 (Phoenix Contact)
• AI2,5−10BU 2.5 mm2 (Phoenix Contact)
1
2
3
4
5
ID
FUNCTION
Grounding
Power supply 24 V DC
Power supply 0 V DC
Excitation supply 24 V DC
Excitation supply 0 V DC
PIN
No.
1
2
3
4
5
24 V
0 V
+
–
FE1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com