Electronic Components Datasheet Search
  English  ▼

X  

S506TYRW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S506TYRW
Description  MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S506TYRW Datasheet(HTML) 1 Page - Vishay Siliconix

  S506TYRW Datasheet HTML 1Page - Vishay Siliconix S506TYRW Datasheet HTML 2Page - Vishay Siliconix S506TYRW Datasheet HTML 3Page - Vishay Siliconix S506TYRW Datasheet HTML 4Page - Vishay Siliconix S506TYRW Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
S506TY/S506TYR/S506TYRW
Document Number 85095
Rev. 1, 21-Oct-02
Vishay Semiconductors
www.vishay.com
1
21
4
3
2
1
43
2
1
3
4
16904
SOT 143
SOT 143R
SOT 343R
Electrostatic sensitive device.
Observe precautions for handling.
MOSMIC® for TV-Tuner Prestage with 5 V Supply
Voltage
Comments
MOSMIC - MOS Monolithic Integrated Circuit
Features
• Easy Gate 1 switch-off with PNP switching transis-
tors inside PLL
• Integrated gate protection diodes
• Low noise figure, high gain
• Typical forward transadmittance of 28 mS
• Partly internal self biasing-network on chip
• Superior cross modulation at gain reduction
• High AGC-range with soft slope
• Main AGC control range from 3 V to 0.5 V
• Supply voltage 5 V (3 V to 7 V)
• SMD package, standard and reverse pinning
Applications
Low noise gain controlled VHF and UHF input stages,
such as in digital and analog TV tuners.
Mechanical Data
Typ: S506TY
Case: Plastic case (SOT 143)
Weight: 8 mg
Pinning: 1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
Typ: S506TYR
Case: Plastic case (SOT 143R)
Weight: 8 mg
Pinning: 1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
Typ: S506TYRW
Case: Plastic case (SOT 343R)
Weight: 6 mg
Pinning: 1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
G2
G1
RF in
S
D
VDD(VDS)
C block
RFC
RF out
13650
C block
C block
RG1
VGG
(VRG1)
AGC


Similar Part No. - S506TYRW

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
logo
Tripp Lite. All Rights ...
S506-003 TRIPPLITE-S506-003 Datasheet
162Kb / 2P
Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 3-ft. (1M)
logo
Cooper Bussmann, Inc.
S506-1-R COOPER-S506-1-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
logo
Eaton All Rights Reserv...
S506-1-R EATON-S506-1-R Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
S506-1.25-R COOPER-S506-1.25-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
More results

Similar Description - S506TYRW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S503T VISHAY-S503T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S505T VISHAY-S505T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S593T VISHAY-S593T Datasheet
156Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S594T VISHAY-S594T Datasheet
155Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S595T VISHAY-S595T Datasheet
203Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
02-May-05
S503TX VISHAY-S503TX Datasheet
149Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
30-Aug-04
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
29-Apr-05
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com