Electronic Components Datasheet Search
  English  ▼

X  

R80 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R80
Description  Remote I/O R80 Series R80 SERIES GENERAL SPECIFICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R80 Datasheet HTML 1Page - M-System Co.,Ltd. R80 Datasheet HTML 2Page - M-System Co.,Ltd. R80 Datasheet HTML 3Page - M-System Co.,Ltd. R80 Datasheet HTML 4Page - M-System Co.,Ltd. R80 Datasheet HTML 5Page - M-System Co.,Ltd. R80 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: R80
R80 SPECIFICATIONS
ES-7021 Rev.0 Page 6/6
http://www.m-system.co.jp/
SYSTEM CONFIGURATION EXAMPLES
R80DAT8A
EtherCAT
R80DCT8A
Power supply
24 V DC
Internal power
5 V DC
Internal
communication
Power/network module
R80NECT1
Excitation
Power supply
24 V DC
Power feeding
Communication
Power feeding
Power feeding
Power feeding
Communication
■ POWER/NETWORK MODULE: EXAMPLE OF R80NECT1
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com