Electronic Components Datasheet Search
  English  ▼

X  

LTC2997 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2997
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2997 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2997 Datasheet HTML 8Page - Analog Devices LTC2997 Datasheet HTML 9Page - Analog Devices LTC2997 Datasheet HTML 10Page - Analog Devices LTC2997 Datasheet HTML 11Page - Analog Devices LTC2997 Datasheet HTML 12Page - Analog Devices LTC2997 Datasheet HTML 13Page - Analog Devices LTC2997 Datasheet HTML 14Page - Analog Devices LTC2997 Datasheet HTML 15Page - Analog Devices LTC2997 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC2990
12
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
Device Configuration
The LTC2990 is configured by writing the control register
through the serial interface. Refer to Table 5 for control reg-
ister bit definition. The device is capable of many applica-
tion configurations including voltage, temperature and cur-
rent measurements. It is possible to configure the device
for single or repeated acquisitions. The device can make
single measurements, or in continuous mode, repeated
acquisitions. When the device is configured for multiple
measurements, the order of the measurements is fixed.
For repeated acquisitions, only an initial trigger is required
after which data registers are continuously refreshed with
new data. As each new data result is ready, the MSB of the
corresponding data register is set, and the corresponding
status register bit is set. These bits are cleared when the
corresponding data register is addressed. The configura-
tion register value at power-up causes the part to measure
only the internal temperature sensor when triggered. The
four input pins V1 through V4 will be in a high impedance
state, until configured otherwise, and a measurement is
triggered. The data registers are double-buffered in order
to ensure upper and lower data bytes do not become out
of sync. Read operations must be terminated in order to
avoid an indefinitely paused wait state. Reading the STATUS
register does not interrupt measurement data updates. In a
polling system, it is recommended that the STATUS register
be tested for new data, this prevents unnecessary delays
updating the measurement registers.
Data Format
The data registers are broken into 8-bit upper and lower
bytes. Voltage and current conversions are 14-bits. The
upper bits in the MSB registers provide status on the
resulting conversions. These status bits are different for
temperature and voltage conversions:
Temperature: Temperature conversions are reported as
Celsius or Kelvin results described in Table 8 and Table 9,
each with 0.0625 degree-weighted LSBs. The format is
controlled by the control register, Bit 7. All temperature
formats, TINT, TR1 and TR2 are controlled by this bit. The
Temperature MSB result register most significant bit
(Bit 7) is the DATA_VALID bit, which indicates whether
the current register contents have been accessed since
the result was written to the register. This bit will be set
when new data is written to the register, and cleared when
accessed. Bit 6 of the register is a sensor-shorted alarm.
This bit of the corresponding register will be high if the
remote sensor diode differential voltage is below 0.14V.
The LTC2990 internal bias circuitry maintains this voltage
above this level during normal operating conditions. Bit
5 of the register is a sensor open alarm. This bit of the
corresponding register will be high if the remote sensor
diode differential voltage is above 1.0VDC. The LTC2990
internal bias circuitry maintains this voltage below this
level during normal operating conditions. The two sensor
alarms are only valid after a completed conversion indi-
cated by the data_valid bit being high. Bit 4 through Bit 0
of the MSB register are the conversion result bits D[12:8],
in two’s compliment format. Note in Kelvin results, the
result will always be positive. The LSB register contains
temperature result bits D[7:0]. To convert the register
contents to temperature, use the following equation:
T = D[12:0]/16.
See Table 10 for conversion value examples.
Voltage/Current: Voltage results are reported in two
respective registers, an MSB and LSB register. The
Voltage MSB result register most significant bit (Bit 7)
is the data_valid bit, which indicates whether the current
register contents have been accessed since the result was
written to the register. This bit will be set when the register
contents are new, and cleared when accessed. Bit 6 of the
MSB register is the sign bit, Bits 5 though 0 represent
bits D[13:8] of the two’s complement conversion result.
The LSB register holds conversion bits D[7:0]. The LSB
value is different for single-ended voltage measurements
V1 through V4, and differential (current measurements)
V1 – V2 and V3 – V4. Single-ended voltages are limited
to positive values in the range 0V to 3.5V. Differential
voltages can have input values in the range of –0.300V
to 0.300V.
Use the following equations to convert the register values
(see Table 10 for examples):
VSINGLE-ENDED = D[14:0] • 305.18µV, if Sign = 0
VSINGLE-ENDED = (D[14:0] +1) • –305.18µV, if Sign = 1
VDIFFERENTIAL = D[14:0] • 19.42µV, if Sign = 0
VDIFFERENTIAL = (D[14:0] +1) • –19.42µV, if Sign = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com