Electronic Components Datasheet Search
  English  ▼

X  

LTC5552 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC5552
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5552 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC5552 Datasheet HTML 20Page - Analog Devices LTC5552 Datasheet HTML 21Page - Analog Devices LTC5552 Datasheet HTML 22Page - Analog Devices LTC5552 Datasheet HTML 23Page - Analog Devices LTC5552 Datasheet HTML 24Page - Analog Devices LTC5552 Datasheet HTML 25Page - Analog Devices LTC5552 Datasheet HTML 26Page - Analog Devices LTC5552 Datasheet HTML 27Page - Analog Devices LTC5552 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC5594
24
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
Temperature Diode
A schematic of the TEMP pin is shown in Figure 14. The
temperature diode can be used to directly measure the
die temperature. A 40k resistor is recommended to VCC
to generate a 100µA current source for the diode readout.
The temperature slope is about –1.52mV/°C.
Figure 14. Schematic of the TEMP Pin
Figure 15. Simplified Schematic of the EN (or AMPD)
Pin Interface
Enable Interface
A simplified schematic of the EN pin is shown in Figure 15.
TheenablevoltagenecessarytoturnontheLTC5594is0.7
• OVDD. To disable or turn off the chip, this voltage should
bebelow0.3•OVDD.IftheENpinisnotconnected,thechip
is disabled. An internal 200kΩ pull-down keeps the part in
shutdown mode if the pin is left floating. The LTC5594 can
be put into a lower current sleep mode through the serial
interface by writing 0x00 to register 0x16. This will dis-
Table 8. IF Amplifier State vs Logic Levels
EAMP
Register
AMPD Pin
0
1
0
OFF
OFF
1
ON
OFF
100
R20
40.2k
LTC5594
GND
VTEMP
TEMP
5594 F14
VCC
VCC
2k
200k
LTC5594
GND
EN
5594 F15
VCC
(or AMPD)
able the demodulator, amplifier, DC offset, and nonlinearity
adjust circuits which are controlled by the EDEM, EAMP,
EDC, and EADJ bits. Alternatively, writing any combination
of bits to the four MSB’s of register 0x16 will enable or
disable the individual circuit blocks.
AMPD Interface
Also shown in Figure 15 is the simplified schematic for
the AMPD IF amplifier disable pin. The IF amplifiers are
enabled if the logical AND of AMPD and the EAMP register
is 1. The IF amplifier state is detailed in Table 8.
Digital Input Pins
Figure 16 shows the simplified schematics for the digital
input pins, SCK, CSB, and SDI. These pins should not be
left floating, since there is no internal pull-down or pull-up.
Figure 16. Simplified Schematic of the Digital
Input Pins (SCK, CSB, SDI)
2k
LTC5594
GND
DIGITAL
INPUT
5594 F16
VCC
OVDD Interface
Figure 17 shows the simplified schematic of the OVDD
interface. The OVDD pin supplies the voltage for the digital
inputs and SDO pin. By setting the pin at 1.2V to 3.3V, the
serial port can function with 1.2V to 3.3V logic levels. It is
important that when sequencing the supply voltages for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com