Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8580
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8580 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8580 Datasheet HTML 2Page - Analog Devices LT8580 Datasheet HTML 3Page - Analog Devices LT8580 Datasheet HTML 4Page - Analog Devices LT8580 Datasheet HTML 5Page - Analog Devices LT8580 Datasheet HTML 6Page - Analog Devices LT8580 Datasheet HTML 7Page - Analog Devices LT8580 Datasheet HTML 8Page - Analog Devices LT8580 Datasheet HTML 9Page - Analog Devices LT8580 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8337/LT8337-1
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA ≈ TJ = 25°C, unless otherwise noted.
Switching Waveforms, Current
Limit at 15% Duty Cycle
Switching Waveforms, Current
Limit at 82% Duty Cycle
Power Switch Voltage Drop vs
Switch Current
Power Switch Voltage Drop vs
Temperature
LT8337-1 Transient Response,
Pulse-Skipping Mode Operation
LT8337-1 Transient Response,
Burst Mode Operation
TOP SWITCH
BOTTOM SWITCH
SWITCH CURRENT (A)
0
1
2
3
4
5
6
0
30
60
90
120
150
180
210
240
Switch Current
83371 G15
TOP SWITCH
BOTTOM SWITCH
SWITCH CURRENT = 1A
TEMPERATURE (C°)
–50 –25
0
25
50
75 100 125 150
0
10
20
30
40
50
60
70
Switch Current
83371 G16
500ns/DIV
83371 G13
IL
2A/DIV
0A
VSW
10V/DIV
VIN = 13V
FRONT PAGE CIRCUIT
500ns/DIV
83371 G14
IL
2A/DIV
0A
VSW
10V/DIV
VIN = 2.8V
FRONT PAGE CIRCUIT
VIN = 7.2V
FRONT PAGE CIRCUIT
200µs/DIV
VOUT
0.2V/DIV
IOUT
1A/DIV
83371 G17
VIN = 7.2V
FRONT PAGE CIRCUIT
200µs/DIV
VOUT
0.2V/DIV
IOUT
1A/DIV
83371 G18
LT8337-1
LT8337
VIN (V)
2.70
2.75
2.80
2.85
2.90
2.95
3.00
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency vs Input Voltage
83371 G19
VIN = 7.2V
FRONT PAGE CIRCUIT WITH LT8337-1
CC = 220pF, RC = 100k
200µs/DIV
VOUT
0.2V/DIV
IOUT
1A/DIV
83371 G20
Burst Mode Operation
VIN = 7.2V
FRONT PAGE CIRCUIT WITH LT8337-1
CC = 220pF, RC = 100k
200µs/DIV
VOUT
0.2V/DIV
IOUT
1A/DIV
83371 G21
LT8337 Transient Response,
Pulse-Skipping Mode Operation
LT8337 Transient Response,
Burst Mode Operation
Max Programmable Switching
Frequency vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com