Electronic Components Datasheet Search
  English  ▼

X  

LTC2986 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2986
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2986 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2986 Datasheet HTML 9Page - Analog Devices LTC2986 Datasheet HTML 10Page - Analog Devices LTC2986 Datasheet HTML 11Page - Analog Devices LTC2986 Datasheet HTML 12Page - Analog Devices LTC2986 Datasheet HTML 13Page - Analog Devices LTC2986 Datasheet HTML 14Page - Analog Devices LTC2986 Datasheet HTML 15Page - Analog Devices LTC2986 Datasheet HTML 16Page - Analog Devices LTC2986 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC2990
13
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
Current = D[14:0] • 19.42µV/RSENSE, if Sign = 0
Current = (D[14:0] +1) • –19.42µV/RSENSE, if Sign = 1
where RSENSE is the current sensing resistor, typically
<1Ω.
VCC: The LTC2990 measures VCC. To convert the contents
of the VCC register to voltage, use the following equation:
VCC = 2.5 + D[13:0] • 305.18µV
Digital Interface
The LTC2990 communicates with a bus master using a
two-wire interface compatible with the I2C Bus and the
SMBus, an I2C extension for low power devices.
The LTC2990 is a read-write slave device and supports
SMBus bus Read Byte Data and Write Byte Data, Read Word
Data and Write Word Data commands. The data formats for
these commands are shown in Table 3 throughTable 10.
The connected devices can only pull the bus wires LOW
and can never drive the bus HIGH. The bus wires are
externally connected to a positive supply voltage via a cur-
rent source or pull-up resistor. When the bus is free, both
lines are HIGH. Data on the I2C bus can be transferred at
rates of up to 100kbit/s in the standard mode and up to
400kbit/s in the fast mode. Each device on the I2C bus is
recognized by a unique address stored in that device and
can operate as either a transmitter or receiver, depending
on the function of the device. In addition to transmitters
and receivers, devices can also be considered as masters
or slaves when performing data transfers. A master is
the device which initiates a data transfer on the bus and
generates the clock signals to permit that transfer. At the
same time any device addressed is considered a slave.
The LTC2990 can only be addressed as a slave. Once
addressed, it can receive configuration bits or transmit
the last conversion result. Therefore the serial clock line
SCL is an input only and the data line SDA is bidirec-
tional. The device supports the standard mode and the
fast mode for data transfer speeds up to 400kbit/s. The
Timing Diagram shows the definition of timing for fast/
standard mode devices on the I2C bus.
The internal state
machine cannot update internal data registers during an
I2C read operation. The state machine pauses until the I2C
read is complete. It is therefore, important not to leave
the LTC2990 in this state for long durations, or increased
conversion latency will be experienced.
START and STOP Conditions
When the bus is idle, both SCL and SDA must be high. A
bus master signals the beginning of a transmission with
a START condition by transitioning SDA from high to low
while SCL is high. When the bus is in use, it stays busy
if a repeated START (SR) is generated instead of a STOP
condition. The repeated START (SR) conditions are func-
tionally identical to the START (S). When the master has
finished communicating with the slave, it issues a STOP
condition by transitioning SDA from low to high while SCL
is high. The bus is then free for another transmission.
I2C Device Addressing
Four distinct bus addresses are configurable using the
ADR0-ADR1 pins. There is also one global sync address
available at EEh which provides an easy way to synchro-
nize multiple LTC2990s on the same I2C bus. This allows
write only access to all 2990s on the bus for simultaneous
triggering. Table 2 shows the correspondence between
ADR0 and ADR1 pin states and addresses.
Acknowledge
The acknowledge signal is used for handshaking between
the transmitter and the receiver to indicate that the last
byte of data was received. The transmitter always releases
the SDA line during the acknowledge clock pulse. When
the slave is the receiver, it must pull down the SDA line
so that it remains LOW during this pulse to acknowledge
receipt of the data. If the slave fails to acknowledge by
leaving SDA HIGH, then the master can abort the transmis-
sion by generating a STOP condition. When the master is
receiving data from the slave, the master must pull down
the SDA line during the clock pulse to indicate receipt of
the data. After the last byte has been received the master
will leave the SDA line HIGH (not acknowledge) and issue
a STOP condition to terminate the transmission.
Write Protocol
The master begins communication with a START condi-
tion followed by the seven bit slave address and the R/W#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com