Electronic Components Datasheet Search
  English  ▼

X  

RFPA5542 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFPA5542
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5542 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFPA5542 Datasheet HTML 1Page - Qorvo, Inc RFPA5542 Datasheet HTML 2Page - Qorvo, Inc RFPA5542 Datasheet HTML 3Page - Qorvo, Inc RFPA5542 Datasheet HTML 4Page - Qorvo, Inc RFPA5542 Datasheet HTML 5Page - Qorvo, Inc RFPA5542 Datasheet HTML 6Page - Qorvo, Inc RFPA5542 Datasheet HTML 7Page - Qorvo, Inc RFPA5542 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet 20161027
Disclaimer: Subject to change without notice
www.qorvo.com
4 of 8
RFPA5542
RFMD + TriQuint = Qorvo
Timing Diagram
VCC
PA-EN
Time
TX RF Signal
RF/DC Power On/Off Sequence
Note: Observe the timing sequence shown in the diagram above and described below.
DC and RF signal levels per data sheet specification
Td Td
Td
Td
RF On
RF OFF
Apply VCC prior to turning on or pulsing PA enable.
Turn off PA enable prior to turning off VCC.
Turn on PA enable prior to applying RF signal.
Turn off RF signal prior to turning off PA enable.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com