Electronic Components Datasheet Search
  English  ▼

X  

RFGA2044 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFGA2044
Description  50MHz-3000MHz, InGap HBT MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFGA2044 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFGA2044 Datasheet HTML 1Page - Qorvo, Inc RFGA2044 Datasheet HTML 2Page - Qorvo, Inc RFGA2044 Datasheet HTML 3Page - Qorvo, Inc RFGA2044 Datasheet HTML 4Page - Qorvo, Inc RFGA2044 Datasheet HTML 5Page - Qorvo, Inc RFGA2044 Datasheet HTML 6Page - Qorvo, Inc RFGA2044 Datasheet HTML 7Page - Qorvo, Inc RFGA2044 Datasheet HTML 8Page - Qorvo, Inc RFGA2044 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RFGA2044
50MHz-3000MHz, InGap HBT MMIC Amplifier
Datasheet, May 21, 2021 | Subject to change without notice
3 of 11
www.qorvo.com
®
500MHz to 3500
MHz Evaluation Board  –  RFGA2044PCK-410
Bill of Material  –  RFGA2044PCK-410
Reference Des.
Value
Description
Manuf.
Part Number
PCB
-
Printed Circuit Board
Qorvo
-
U1
-
AMP, InGaP Darlington HBT, SOT-89
Qorvo
RFGA2044
C1
1 μF
CAP, 1 μF, 20%, 25V, TANT-A
AVX
TAJA105M025
C4, C6, C7
1000 pF
CAP, 1000 pF, 10%, 50V, X7R, 0402
Taiyo Yuden
RM UMK105BJ102KV-F
C5
100 pF
CAP, 100 pF, 5%, 50V. C0G, 0402
Taiyo Yuden
RM UMK105CG101JV-F
L1
82 nH
IND, 82 nH, 10%, W/W, 0805
Coilcraft
0805CS-820XKBC
J1, J2
-
CONN, SMA, END LNCH, FLT, 0.062”
Johnson
142-0701-821
P1
-
CONN, HDR, ST, PLRZD, 2-
Pin, 0.100”
ITW Pancon
MPSS100-2-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com