Electronic Components Datasheet Search
  English  ▼

X  

RFFM8216 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM8216
Description  2.4 GHz Integrated Wi-Fi Front-End Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM8216 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM8216 Datasheet HTML 1Page - Qorvo, Inc RFFM8216 Datasheet HTML 2Page - Qorvo, Inc RFFM8216 Datasheet HTML 3Page - Qorvo, Inc RFFM8216 Datasheet HTML 4Page - Qorvo, Inc RFFM8216 Datasheet HTML 5Page - Qorvo, Inc RFFM8216 Datasheet HTML 6Page - Qorvo, Inc RFFM8216 Datasheet HTML 7Page - Qorvo, Inc RFFM8216 Datasheet HTML 8Page - Qorvo, Inc RFFM8216 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DATA SHEET RFFM8216 | Subject to change without notice
4 of 11
www.qorvo.com
Electrical Specifications
– Transmit
(VCC = 3.6 V; Temp=25°C; unless noted otherwise)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Frequency
2412
-
2472
MHz
Small Signal Gain
24
28
-
dB
Gain flatness
For any 20 MHz bandwidth
−0.25
-
+0.25
dB
Gain flatness
For entire frequency band
−1
-
+1
dB
11g 54 Mbps
Output Power
+19.5
+20.5
-
dBm
DEVM
-
−31
−28
dB
MCS7 20 MHz
Output Power
+19.0
+20.0
-
dBm
DEVM
-
−33
−29
dB
MCS8 20 MHz
Output Power
+18.0
+19.0
-
dBm
DEVM
-
-
−35
dB
Margin to Spectrum Emission
Mask 11b 1 Mbps
Pout = 24.0 dBm
-
3.0
-
dB
Margin to Spectrum Emission
Mask 11g 6 Mbps
Pout = 22.0 dBm
-
3.0
-
dB
Margin to Spectrum Emission
Mask 11n, MCS0 HT20
Pout = 22.0 dBm
-
3.0
-
dB
Current 11b, 1 Mbps
Pout = 24.0 dBm
-
320
350
mA
Current 11n, MCS7 HT20
Pout = 20.0 dBm
-
230
260
mA
Return Loss RFIN Port
10
15
-
dB
Return Loss ANT Port
7
9
-
dB
Harmonics (2f0)
802.11b 1Mbps; Pout = 22.0 dBm
-
-
−13
dBm/MHz
Harmonics (3f0)
802.11b 1Mbps; Pout = 22.0 dBm
-
-
−30
dBm/MHz
Power Detector Voltage
Pout = 5.0 dBm
-
0.2
-
V
Pout = 24.0 dBm
-
-
1.1
V
PA Switching Speed
-
400
-
nS
ANT to RX Isolation (TX Mode)
40
45
-
dB
Electrical Specifications
– RFSW (RFIN-RFSW)
(VCC = 3.6 V; Temp=25°C; unless noted otherwise)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Frequency
2412
-
2472
MHz
Insertion Loss
2.4 GHz to 6 GHz
-
0.7
1.5
dB
RFIN Port Return Loss
10
15
-
dB
RFSW Port Return Loss
10
15
-
dB
Input P0.1dB
20
-
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com