Electronic Components Datasheet Search
  English  ▼

X  

RFFM6406 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM6406
Description  2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6406 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM6406 Datasheet HTML 1Page - Qorvo, Inc RFFM6406 Datasheet HTML 2Page - Qorvo, Inc RFFM6406 Datasheet HTML 3Page - Qorvo, Inc RFFM6406 Datasheet HTML 4Page - Qorvo, Inc RFFM6406 Datasheet HTML 5Page - Qorvo, Inc RFFM6406 Datasheet HTML 6Page - Qorvo, Inc RFFM6406 Datasheet HTML 7Page - Qorvo, Inc RFFM6406 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revision DS20150904
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
4 of 8
RFFM6406
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 0.2V,
Measured Path = SAW2 to RX, Temperature = 25ºC
Input Return Loss
10
dB
Output Return Loss
10
dB
Receive Bypass Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 1.8V,
Measured Path = SAW2 to RX, Temperature = 25ºC
Insertion Loss
2
dB
IDD Quiescent
200
µA
IP1dB
19
dBm
IIP3
42
44
dBm
Input Return Loss
7.5
dB
Output Return Loss
7
dB
Antenna Switch
Measured ANT to SAW1, RX & RX BYPASS Modes
Insertion Loss
0.5
0.6
dB
Input Return Loss
15.5
16.0
dB
Output Return Loss
15.5
16.0
dB
Isolation
Isolation
30
dB
ANT to SAW1, module in Transmit Bypass Mode
50
dB
ANT to SAW1, module in Transmit High Power Mode
Logic
EN, TR, BYP
Control Logic HIGH
1.6
4.0
V
Max Control Logic High = VDD ± 0.5VDC
Control Logic LOW
0.2
0.3
V
Control Logic HIGH Current
0.4
µA
Control Logic LOW Current
0.1
µA
Switch Control Truth Table
Operating Mode
TR
EN
BYP
PA
LNA
(Pin2)
(Pin3)
(Pin4)
Transmit
High
High
Low
ON
OFF
Transmit Bypass
High
High
High
OFF
OFF
Receive
Low
High
Low
OFF
ON
Receive Bypass
Low
High
High
OFF
OFF
Shutdown
X
Low
X
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com