Electronic Components Datasheet Search
  English  ▼

X  

RFFM4227 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM4227
Description  Wi-Fi Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM4227 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM4227 Datasheet HTML 1Page - Qorvo, Inc RFFM4227 Datasheet HTML 2Page - Qorvo, Inc RFFM4227 Datasheet HTML 3Page - Qorvo, Inc RFFM4227 Datasheet HTML 4Page - Qorvo, Inc RFFM4227 Datasheet HTML 5Page - Qorvo, Inc RFFM4227 Datasheet HTML 6Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RFFM4227
Wi-Fi Low Noise Amplifier
Data Sheet Rev.C, May 10, 2016 | Subject to change without notice
- 4 of 6 -
www.qorvo.com
®
Pin Configuration and Description
Top View
Pad No.
Label
Description
1
CTRL
Control voltage
2
RF_IN
RF input. This port is matched to 50
Ω and DC blocked
3
GND
Ground connection
4
GND
Ground connection
5
RF_OUT
RF output. This port is matched to 50
Ω and DC blocked .
6
VCC
Supply voltage
Package Base
GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal resistance. See
PCB Mounting Pattern for suggested footprint.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com