Electronic Components Datasheet Search
  English  ▼

X  

RFFM4203 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFFM4203
Description  3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM4203 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFFM4203 Datasheet HTML 1Page - Qorvo, Inc RFFM4203 Datasheet HTML 2Page - Qorvo, Inc RFFM4203 Datasheet HTML 3Page - Qorvo, Inc RFFM4203 Datasheet HTML 4Page - Qorvo, Inc RFFM4203 Datasheet HTML 5Page - Qorvo, Inc RFFM4203 Datasheet HTML 6Page - Qorvo, Inc RFFM4203 Datasheet HTML 7Page - Qorvo, Inc RFFM4203 Datasheet HTML 8Page - Qorvo, Inc RFFM4203 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140710
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFFM4203
3.0V to 5.0V, 2.4GHz to 2.5GHz
802.11b/g/n/ac WiFi Front End Module
The RFFM4203 provides a complete integrated solution in a single front
end module (FEM) for WiFi 802.11b/g/n/ac and Bluetooth® systems.
The ultra-small form factor and integrated matching greatly reduces the
number of external components and layout area in the customer
application. This simplifies the total front end solution by reducing the bill
of materials, system footprint, and manufacturability cost. The
RFFM4203 integrates a 2.4GHz to 2.5GHz power amplifier (PA), low
noise amplifier (LNA) with bypass mode, power detector coupler for
improved accuracy, and some filtering for harmonic rejection. The
device is provided in a 3mm x 3mm x 1.05mm, 16-pin package. This
module meets or exceeds the RF front end needs of IEEE
802.11b/g/n/ac WiFi RF systems.
LNA_EN
BT
N/C
VDD
PDET
VCC
VCC
3
1
12
2
13
11
10
9
8
7
6
5
4
14
15
16
GND
Functional Block Diagram
Ordering Information
RFFM4203SB
Standard 5 piece bag
RFFM4203SQ
Standard 25 piece bag
RFFM4203SR
Standard 100 piece reel
RFFM4203TR7
Standard 2500 piece reel
RFFM4203PCK-410
Fully assembled evaluation board w/ 5 piece bag
Package: Laminate, 16-pin,
3.0mm x 3.0mm x 1.05mm
Features
■ Integrated 2.4GHz to 2.5GHz
b/g/n/ac Amplifier, LNA with
Bypass Mode, SP3T Switch, and
Power Detector Coupler
■ Single Supply Voltage 3.0V to 5V
■ P
OUT = 21.5dBm, 5V <3% Dynamic
EVM
■ P
OUT = 19dBm, 3.3V <3% Dynamic
EVM
Applications
■ IEEE802.11b/g/n/ac WiFi
Applications
■ 2.4GHz to 2.5GHz ISM Band
Solutions
■ Portable Battery-Powered
Equipment
■ WiFi Access Points, Gateways,
and Set Top Boxes
RFFM4203


Similar Part No. - RFFM4203

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM4203PCK-410 RFMD-RFFM4203PCK-410 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM4203SB RFMD-RFFM4203SB Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM4203SQ RFMD-RFFM4203SQ Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM4203SR RFMD-RFFM4203SR Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
More results

Similar Description - RFFM4203

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM4204 RFMD-RFFM4204 Datasheet
254Kb / 9P
WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8205 RFMD-RFFM8205 Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com