Electronic Components Datasheet Search
  English  ▼

X  

1552324 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1552324
Description  Flush-type connector - SACC-DSI-MSB-5CON-L180/12 SCO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1552324 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1552324 Datasheet HTML 1Page - PHOENIX CONTACT 1552324 Datasheet HTML 2Page - PHOENIX CONTACT 1552324 Datasheet HTML 3Page - PHOENIX CONTACT 1552324 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1552324
29.10.2013   Page 1 / 4
Flush-type connector - SACC-DSI-MSB-5CON-L180/12 SCO - 1552324
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/actuator flush-type plug, 5-pos., M12-SPEEDCON, B-coded, rear/screw mounting with Pg9 thread, with
straight solder connection, design with 12 mm long solder pins
 
 
Key commercial data
Packing unit
1 1
Minimum order quantity
20 1
Weight per Piece (excluding packing)
14.0 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length of the solder pin
12 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General
Rated current at 40°C
4 A
Rated voltage
60 V
Number of positions
5
Contact resistance
≤ 3 mΩ
Insulation resistance
≥ 100 MΩ
Coding
B - inverse
Standards/regulations
M12 connector IEC 61076-2-101
Status display
No


Similar Part No. - 1552324

ManufacturerPart #DatasheetDescription
logo
3M Electronics
155230-2200-RA 3M-155230-2200-RA Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2200-RA-WX 3M-155230-2200-RA-WX Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2200-RB 3M-155230-2200-RB Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2200-RB-WX 3M-155230-2200-RB-WX Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2300-RA 3M-155230-2300-RA Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
More results

Similar Description - 1552324

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027669 PHOENIX-1027669 Datasheet
66Kb / 3P
Flush-type connector - SACC-DSI-FS-5CON-M16-L180 PP
1525474 PHOENIX-1525474 Datasheet
63Kb / 3P
Flush-type connector - SACC-DSI-M12FSB-5CON-L180
1553051 PHOENIX-1553051 Datasheet
402Kb / 6P
Panel feed-through - SACC-DSI-MSB-5CON-L180/SCO SH
1552971 PHOENIX-1552971 Datasheet
86Kb / 4P
Panel feed-through - SACC-DSI-MSB-5CON-M12-SCO SH
1404741 PHOENIX-1404741 Datasheet
463Kb / 5P
Flush-type socket - SACC-DSI-FSX-8CON-PG9-L180 SCO
1407503 PHOENIX-1407503 Datasheet
73Kb / 4P
Flush-type socket - SACC-DSI-FSY-8CON-M16-L180 SCO
1552285 PHOENIX-1552285 Datasheet
77Kb / 4P
Flush-type connector - SACC-DSI-FS-5CON-L180/12 SCO
1552311 PHOENIX-1552311 Datasheet
77Kb / 4P
Flush-type connector - SACC-DSI-MS-5CON-L180/12 SCO
1553048 PHOENIX-1553048 Datasheet
208Kb / 5P
SACC-DSI-MS-5CON-L180/SCO SH
1552298 PHOENIX-1552298 Datasheet
77Kb / 4P
Flush-type connector - SACC-DSI-FSB-5CON-L180/12 SCO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com