Electronic Components Datasheet Search
  English  ▼

X  

DW9249 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # DW9249
Description  112.32MHz SAW IF Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

DW9249 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  DW9249 Datasheet HTML 1Page - Mitel Networks Corporation DW9249 Datasheet HTML 2Page - Mitel Networks Corporation DW9249 Datasheet HTML 3Page - Mitel Networks Corporation DW9249 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DW9249
1
DS3811 - 3.4 October 11995
DW9249
112.32MHz SAW IF Filter
Preliminary Information
The DW9249 112.32MHz SAW I.F. filter has been
specifically developed for the Digital European Cordless
Telephone (DECT) market.
By using a centre frequency of 112.32MHz, the DW9249
overcomes the potential problems of 6th and 8th harmonic
interference often associated with filters centred at
110.592MHz.
The filter offers excellent temperature stability, (ST-Quartz
substrate) plus low Group Delay Ripple (±100ns max.) and is
available in the latest, low profile ceramic surface mount
package technology.
FEATURES
s Extremely Low Group Delay Ripple
s Wide Operating Temperature
s High Co-channel rejection
s High Adjacent Channel Rejection
s Highly Reproduceable Impedance Characteristics
s Balanced or Unbalanced Drive
s Low Profile Leadless Ceramic Surface Mount Package
Suitable for Automated Assembly
ABSOLUTE MAXIMUM RATINGS
DC Voltage
VDC
0V
Input Power Max.
PIN
10dBm
NOMINAL IMPEDANCE
Input:
1.1k
Ω // 9.25pF
Output:
1.2k
Ω // 12pF
50
Ω TEST BOARD COMPONENTS
Input:
Series Ind. 180nH, Shunt Cap. 60.7pF
Output:
Series Ind. 100nH
Components: Coilcraft 1008CS Inductors : Murata 0805 Capacitors
ORDERING INFORMATION
DW9249
REFERENCE APPLICATION NOTE:
DW9249 - SAW Bandpass Filter for D.E.C.T.


Similar Part No. - DW9249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DW920K ETC-DW920K Datasheet
121Kb / 1P
DW920K 7.2V Dual Position . Screwdriver and Drill.
DW920K. ETC-DW920K. Datasheet
121Kb / 1P
DW920K 7.2V Dual Position . Screwdriver and Drill.
logo
Mitel Networks Corporat...
DW9255 MITEL-DW9255 Datasheet
34Kb / 5P
35.42MHz SAW Filter for GPS Receivers
DW9256 MITEL-DW9256 Datasheet
99Kb / 4P
133MHZ SAW Filter
DW9268 MITEL-DW9268 Datasheet
101Kb / 4P
240.192MHz IF SAW Filter Advance Information
More results

Similar Description - DW9249

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
SAW IF filter
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
IF SAW Filter
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
SAW IF filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB112EE TAI-SAW-TB112EE Datasheet
279Kb / 5P
SAW IF Filter 112.32MHz
logo
TDK Electronics
B39171B5068H810 TDK-B39171B5068H810 Datasheet
84Kb / 8P
SAW IF filter
B39171B5070H810 TDK-B39171B5070H810 Datasheet
88Kb / 8P
SAW IF filter
B39171B5220H810 TDK-B39171B5220H810 Datasheet
82Kb / 7P
SAW IF filter
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
SAW IF filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com