Electronic Components Datasheet Search
  English  ▼

X  

MAX17632 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17632
Description  5V Output-Voltage Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17632 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17632 Datasheet HTML 1Page - Maxim Integrated Products MAX17632 Datasheet HTML 2Page - Maxim Integrated Products MAX17632 Datasheet HTML 3Page - Maxim Integrated Products MAX17632 Datasheet HTML 4Page - Maxim Integrated Products MAX17632 Datasheet HTML 5Page - Maxim Integrated Products MAX17632 Datasheet HTML 6Page - Maxim Integrated Products MAX17632 Datasheet HTML 7Page - Maxim Integrated Products MAX17632 Datasheet HTML 8Page - Maxim Integrated Products MAX17632 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17632
5V Output-Voltage Application
MAX17632C Evaluation Kit
(VIN = 24V, L = 10µH (XAL5050-103ME) for PWM/DCM mode, 15µH (XAL6060-153ME) for PFM mode, unless otherwise
noted.)
MAX17632C EV Kit Performance Report
30
40
50
60
70
80
90
100
0.01
0.10
1.00
LOAD CURRENT (A)
EFFICIENCY vs. LOAD CURRENT
(5V OUTPUT, DCM MODE, fSW = 400kHz)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 6.5V
toc02
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
LOAD CURRENT (A)
EFFICIENCY vs. LOAD CURRENT
(5V OUTPUT, PFM MODE, fSW = 400kHz)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 6.5V
toc03
5.06
5.07
5.08
5.09
5.10
0.0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
LOAD AND LINE REGULATION
(5V OUTPUT, PWM MODE, fSW = 400kHz)
VIN = 24V
VIN = 12V
VIN = 6.5V
VIN = 36V
toc04
5.06
5.07
5.08
5.09
5.10
0.0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
LOAD AND LINE REGULATION
(5V OUTPUT, DCM MODE, fSW = 400kHz)
VIN = 24V
VIN = 12V
VIN = 6.5V
VIN = 36V
toc05
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
0.0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
LOAD AND LINE REGULATION
(5V OUTPUT, PFM MODE, fSW = 400kHz)
VIN = 24V
VIN = 12V
VIN = 6.5V
VIN = 36V
toc06
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
EFFICIENCY vs. LOAD CURRENT
(5V OUTPUT, PWM MODE, fSW = 400kHz)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 6.5V
toc01
5V/div
5V/div
1ms/div
VEN/UVLO
SOFT-START WITH PREBIAS VOLTAGE OF 2.5V
(5V OUTPUT, PWM MODE, 20mA LOAD, fSW = 400kHz)
toc08
2V/div
VOUT
ILX
VRESET
1A/div
20V/div
2µs/div
VOUT
(AC)
STEADY STATE
(5V OUTPUT, PWM MODE, 2A LOAD, fSW = 400kHz)
toc09
20mV/div
VLX
ILX
2A/div
5V/div
5V/div
1ms/div
VEN/UVLO
SOFT-START/SHUTDOWN FROM EN/UVLO
(5V OUTPUT, PWM MODE, 2A LOAD, fSW = 400kHz)
toc07
2V/div
VOUT
ILX
VRESET
2A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com