Electronic Components Datasheet Search
  English  ▼

X  

MAX17632 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17632
Description  3.3V Output-Voltage Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17632 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17632 Datasheet HTML 1Page - Maxim Integrated Products MAX17632 Datasheet HTML 2Page - Maxim Integrated Products MAX17632 Datasheet HTML 3Page - Maxim Integrated Products MAX17632 Datasheet HTML 4Page - Maxim Integrated Products MAX17632 Datasheet HTML 5Page - Maxim Integrated Products MAX17632 Datasheet HTML 6Page - Maxim Integrated Products MAX17632 Datasheet HTML 7Page - Maxim Integrated Products MAX17632 Datasheet HTML 8Page - Maxim Integrated Products MAX17632 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17632
3.3V Output-Voltage Application
MAX17632A Evaluation Kit
(VIN = 24V, L = 6.8µH (XAL5050-682ME) for PWM/DCM mode, 10µH (XAL5050-103ME) for PFM mode, unless other-
wise noted.)
MAX17632A EV Kit Performance Report
20
30
40
50
60
70
80
90
100
0.01
0.1
1
LOADCURRENT (A)
EFFICIENCYvs. LOADCURRENT
VIN=36V
VIN=24V
VIN=12V
VIN=4.5V
toc02
CONDITIONS: 3.3VOUTPUT, DCMMODE, fSW= 400kHz
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOADCURRENT (A)
EFFICIENCYvs. LOADCURRENT
VIN=36V
VIN=24V
VIN=12V
VIN=4.5V
toc03
CONDITIONS: 3.3VOUTPUT, PFMMODE, fSW= 400kHz
3.28
3.29
3.30
3.31
3.32
0.0
0.5
1.0
1.5
2.0
LOADCURRENT (A)
LOADANDLINEREGULATION
VIN=12V
VIN=4.5V
VIN=36V
toc04
VIN=24V
CONDITIONS: 3.3VOUTPUT, PWMMODE, fSW=400kHz
5V/div
5V/div
1ms/div
VEN/UVLO
SOFT-START/SHUTDOWNFROMEN/UVLO
toc07
2V/div
VOUT
ILX
VRESET
2A/div
CONDITIONS: 3.3VOUTPUT,
PWMMODE, 2A LOAD, fSW=400kHz
3.28
3.29
3.30
3.31
3.32
0.0
0.5
1.0
1.5
2.0
LOADCURRENT (A)
LOADANDLINEREGULATION
VIN=24V
VIN=12V
VIN=4.5V
VIN=36V
toc05
CONDITIONS: 3.3VOUTPUT, DCMMODE, fSW= 400kHz
5V/div
5V/div
1ms/div
VEN/UVLO
SOFT-STARTWITHPRE-BIASVOLTAGEOF1.65V
toc08
1V/div
VOUT
ILX
VRESET
1A/div
CONDITIONS: 3.3VOUTPUT,
PWMMODE, 20mA LOAD, fSW=400kHz
3.20
3.24
3.28
3.32
3.36
3.40
0.0
0.5
1.0
1.5
2.0
LOADCURRENT (A)
LOADANDLINEREGULATION
VIN=24V
VIN=12V
VIN=4.5V
VIN=36V
toc06
CONDITIONS: 3.3VOUTPUT, PFMMODE, fSW= 400kHz
20V/div
2µs/div
VOUT(AC)
STEADYSTATE
toc09
20mV/div
VLX
ILX
2A/div
CONDITIONS: 3.3VOUTPUT,
PWMMODE, 2A LOAD, fSW=400kHz
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
LOADCURRENT (A)
EFFICIENCYvs. LOADCURRENT
VIN=36V
VIN=24V
VIN=12V
VIN=4.5V
toc01
CONDITIONS: 3.3VOUTPUT, PWMMODE, fSW=400kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com