Electronic Components Datasheet Search
  English  ▼

X  

MAX17630 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17630
Description  5V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17630 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17630 Datasheet HTML 1Page - Maxim Integrated Products MAX17630 Datasheet HTML 2Page - Maxim Integrated Products MAX17630 Datasheet HTML 3Page - Maxim Integrated Products MAX17630 Datasheet HTML 4Page - Maxim Integrated Products MAX17630 Datasheet HTML 5Page - Maxim Integrated Products MAX17630 Datasheet HTML 6Page - Maxim Integrated Products MAX17630 Datasheet HTML 7Page - Maxim Integrated Products MAX17630 Datasheet HTML 8Page - Maxim Integrated Products MAX17630 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17630
5V Output-Voltage Application
MAX17630C5EVKIT# Evaluation Kit
(VIN = 24V, VOUT = 5V, fSW = 400kHz, unless otherwise noted.)
MAX17630C EV Kit Performance Report
20
30
40
50
60
70
80
90
100
0.01
0.1
1
LOAD CURRENT (A)
EFFICIENCY vs. LOAD CURRENT
VIN= 36V
VIN= 24V
VIN= 12V
VIN = 6.5V
toc02
CONDITIONS: DCM MODE
fSW = 400kHz
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
EFFICIENCY vs. LOAD CURRENT
VIN= 36V
VIN= 24V
VIN= 12V
VIN= 6.5V
toc03
CONDITIONS: PFM MODE
fSW = 400kHz
4.980
4.985
4.990
4.995
5.000
5.005
5.010
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
LOAD AND LINE REGULATION
VIN= 24V
VIN= 12V
VIN= 6.5V
VIN= 36V
toc04
CONDITIONS: PWM MODE
4.980
4.985
4.990
4.995
5.000
5.005
5.010
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
LOAD AND LINE REGULATION
VIN= 24V
VIN= 12V
VIN= 6.5V
VIN= 36V
toc05
CONDITIONS: DCM MODE
4.98
5.00
5.02
5.04
5.06
5.08
5.10
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
LOAD AND LINE REGULATION
VIN= 24V
VIN= 12V
VIN= 6.5V
VIN= 36V
toc06
CONDITIONS: PFM MODE
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
EFFICIENCY vs. LOAD CURRENT
VIN = 36V
VIN= 24V
VIN= 12V
VIN= 6.5V
toc01
CONDITIONS: PWM MODE
fSW = 400kHz
5V/div
5V/div
1ms/div
VEN/UVLO
SOFT-START WITH PREBIAS VOLTAGE OF 2.5V
toc08
VOUT
ILX
VRESET
1A/div
CONDITIONS: PWM MODE, 20mA LOAD
2V/div
10V/div
2µs/div
VOUT(AC)
STEADY-STATE PERFORMANCE
toc09
50mV/div
VLX
ILX
1A/div
CONDITIONS: PWM MODE, 1A LOAD
5V/div
5V/div
1ms/div
VEN/UVLO
SOFT-START/SHUTDOWN THROUGH EN/UVLO
toc07
2V/div
VOUT
ILX
VRESET
1A/div
CONDITIONS: PWM MODE, 1A LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com