Electronic Components Datasheet Search
  English  ▼

X  

MAX17595 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17595
Description  85V AC to 265V AC or 120V DC to 375V DC Input Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17595 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17595 Datasheet HTML 1Page - Maxim Integrated Products MAX17595 Datasheet HTML 2Page - Maxim Integrated Products MAX17595 Datasheet HTML 3Page - Maxim Integrated Products MAX17595 Datasheet HTML 4Page - Maxim Integrated Products MAX17595 Datasheet HTML 5Page - Maxim Integrated Products MAX17595 Datasheet HTML 6Page - Maxim Integrated Products MAX17595 Datasheet HTML 7Page - Maxim Integrated Products MAX17595 Datasheet HTML 8Page - Maxim Integrated Products MAX17595 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MAX17595 Evaluation Kit
Evaluates: MAX17595 as Flyback Converter
4
Maxim Integrated
EN/UVLO and OVI PCB pads are available for monitoring
the voltages present at the respective inputs.
Soft-Start
The EV kit provides an option to configure the circuit
soft-start. Capacitor C7 configures the soft-start time (tSS)
to 12ms. To reconfigure the soft-start time to a different
value, use the following equation to choose a new C7
capacitor:
=
× SS
C7 8.2645 t
nF
where tSS is in ms and C7 is in nF.
Switching Frequency
The EV kit switching frequency is set to 120kHz by resistor
R9. To configure the IC’s switching frequency to a differ-
ent value, between 100kHz and 1MHz, use the following
equation to choose a new R9 resistor:
=
Ω
10
SW
10
R9
f
where fSW is in Hz and R9 is in I.
Frequency Dithering
The EV kit switching frequency can be dithered in a range
of Q10% to reduce EMI. There are two specifications for
the frequency dithering: the frequency (how often) of
dithering and the amount (how much) of dithering.
Capacitor C2 configures the dither frequency using the
following equation:
DITHER
50µA
C2
F
3.2V f
=
×
where fDITHER is in Hz and C2 is in farads, and the dither
frequency (fDITHER) is recommended to be set close to
1kHz.
Resistors R9 and R10 configure the amount of dithering
in percentage (%) of the switching frequency using the
following equation:
R9
%DITHER
R11
=
The EV kit is shipped with the frequency dithering dis-
abled and the DITHER /SYNC pin shorted to SGND by a
0I resistor installed on the C2 footprint. To set the
desired frequency dither, replace capacitor C2 and
install resistor R11 with the appropriate values. The
DITHER /SYNC PCB pad is available for monitoring the
signal at the DITHER/SYNC pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com