Electronic Components Datasheet Search
  English  ▼

X  

MAX17579 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17579
Description  in -15V and -5V Output-Voltage Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17579 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17579 Datasheet HTML 1Page - Maxim Integrated Products MAX17579 Datasheet HTML 2Page - Maxim Integrated Products MAX17579 Datasheet HTML 3Page - Maxim Integrated Products MAX17579 Datasheet HTML 4Page - Maxim Integrated Products MAX17579 Datasheet HTML 5Page - Maxim Integrated Products MAX17579 Datasheet HTML 6Page - Maxim Integrated Products MAX17579 Datasheet HTML 7Page - Maxim Integrated Products MAX17579 Datasheet HTML 8Page - Maxim Integrated Products MAX17579 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX17579 and MAX17580
in -15V and -5V Output-Voltage
Applications
MAX17579EVKIT#, MAX17580EVKIT#
Evaluation Kits
(VIN1 = VIN2 = 24V, fSW1 = fSW2 = 600kHz, unless otherwise noted.)
Table 3. MAX17580EVKIT# EN/UVLO and FB Resistor Divider Settings
*Default setting
INPUT VOLTAGE RANGE
R201
R202
R203
R204
LOAD CURRENT
C212
16V to 55V*
3.32MΩ
294kΩ
154kΩ
34kΩ
300mA
5.6nF
8V to 55V
3.32MΩ
665kΩ
165kΩ
36.5kΩ
240mA
5.6nF
4.5V to 55V
3.32MΩ
1.37MΩ
187kΩ
41.2kΩ
150mA
5.6nF
MAX17579EVKIT# and MAX17580EVKIT# EV Kit Performance Reports
20
40
60
80
100
0
60
120
180
240
LOAD CURRENT (mA)
VIN = 45V
VIN = 36V
VIN = 24V
VIN = 16V
TOC01
MAX17579
EFFICIENCY vs. LOAD CURRENT
VOUT1 = -15V
-5.05
-5.00
-4.95
-4.90
0
100
200
300
LOAD CURRENT (mA)
VIN = 36V
VIN = 24V
VIN = 16V
VIN = 48V
TOC04
VIN = 55V
MAX17580
LOAD AND LINE REGULATION
VOUT2 = -5V
-15.15
-15.10
-15.05
-15.00
-14.95
0
60
120
180
240
LOAD CURRENT (mA)
VIN = 36V
VIN = 24V
VIN = 16V
VIN = 45V
TOC02
MAX17579
LOAD AND LINE REGULATION
VOUT1 = -15V
500mV/div
200µs/div
TOC05
VOUT(AC)
IOUT
50mA/div
0A
120mA
MAX17579
LOAD TRANSIENT BETWEEN 0 AND 120mA
VOUT1 = -15V
20
40
60
80
100
10
100
LOAD CURRENT (mA)
MAX17580
EFFICIENCY vs. LOAD CURRENT
VOUT2 = -5V
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 16V
TOC03
VIN = 55V
300
500mV/div
200µs/div
TOC06
VOUT(AC)
IOUT
100mA/div
0.8A
0.4A
120mA
240mA
MAX17579
LOAD TRANSIENT BETWEEN 120mA AND 240mA
VOUT1 = -15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com