Electronic Components Datasheet Search
  English  ▼

X  

24C01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 24C01
Description  CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

24C01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  24C01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C01 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
24C01/24C02
Turbo IC, Inc. 2365 Paragon Drive, Suite I, San Jose, CA 95131
Phone: 408-392-0208
Fax: 408-392-0207
See us at www.turbo-ic.com
Rev. 4.0-10/28/01
TURBO IC PRODUCTS AND DOCUMENTS
1.
All documents are subject to change without notice. Please contact Turbo IC for the latest
revision of documents.
2.
Turbo IC does not assume any responsibility for any damage to the user that may result from
accidents or operation under abnormal conditions.
3.
Turbo IC does not assume any responsibility for the use of any circuitry other than what
embodied in a Turbo IC product. No other circuits, patents, licenses are implied.
4.
Turbo IC products are not authorized for use in life support systems or other critical systems
where component failure may endanger life. System designers should design with error
detection and correction, redundancy and back-up features.
Turbo IC, Inc.
Bus Timing
t
SU.STA
t
HD.STA
t
F
t
LOW
t
HIGH
t
LOW
t
HD.DAT
t
SU.DAT
t
R
t
SU.STO
t
BUF
t
DH
t
AA
SCL
SDA IN
SDA OUT
Part Numbers & Order Information
TU24C02BS3I
Temperature
-Commercial
I -Industrial
Package
P -PDIP
S -SOIC
PRODUCT INTRODUCTION
A.C. CHARACTERISTICS
Symbol
Parameter
2.7 volt
5.5 volt
Min
Max
Min
Max
Units
SCL
SCL Clock Frequency
100
400
kHZ
T
Noise Suppression Time (1)
100
50
ns
t
LOW
Clock Low Period
4.7
1.2
us
t
HIGH
Clock High Period
4.0
0.6
us
t
AA
SCL Low to SDA Data Out
0.1
4.5
0.1
0.9
us
t
BUF
Bus Free to New Start (1)
4.7
1.2
us
t
HD.STA
Start Hold Time
4.0
0.6
us
t
SU.STA
Start Set-up Time
4.7
0.6
us
t
HD.DAT
Data-in Hold Time
0
0
us
t
SU.DAT
Data-in Set-up Time
200
100
ns
t
R
SCL and SDA Rise Time (1)
1.0
0.3
us
t
F
SCL and SDA Fall Time (1)
300
300
ns
t
SU.STO
Stop Set-up Time
4.7
0.6
us
t
DH
Data-out Hold Time
100
50
ns
t
WC
Write Cycle Time
10
10
ms
Note: 1 This parameter is characterized and not 100% tested.
256 X 8
Serial
EEPROM
Voltage
3
- 2.7V to 5.5V
- 4.5V to 5.5 V
2nd generation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com