Electronic Components Datasheet Search
  English  ▼

X  

APL1084 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1084
Description  5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1084 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1084 Datasheet HTML 1Page - Anpec Electronics Coropration APL1084 Datasheet HTML 2Page - Anpec Electronics Coropration APL1084 Datasheet HTML 3Page - Anpec Electronics Coropration APL1084 Datasheet HTML 4Page - Anpec Electronics Coropration APL1084 Datasheet HTML 5Page - Anpec Electronics Coropration APL1084 Datasheet HTML 6Page - Anpec Electronics Coropration APL1084 Datasheet HTML 7Page - Anpec Electronics Coropration APL1084 Datasheet HTML 8Page - Anpec Electronics Coropration APL1084 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.9 - Aug., 2003
APL1084
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VI
Input Voltage
7
V
TJ
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
APL1084
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
APL1084
1.5V≤(V
IN -VOUT) ≤5.75V,
10mA≤ IOUT ≤5A, TJ =0~125°C
1.225(-2%) 1.250 1.275(+2%) V
VOUT
Output Voltage
APL1084-3.3
10mA≤ I
OUT ≤ 5A, 4.75V≤VIN ≤7V,
TJ =0~125°C
3.235(-2%) 3.300 3.365(+2%) V
REGLINE Line Regulation
APL1084
APL1084-3.3
T
J =0~125°C, (Notes 1)
2.75V≤V
IN ≤7V, IOUT=10mA,
4.75V≤VIN ≤7V, IOUT=0mA ,
0.03
0.2
%
REGLOAD Load Regulation
APL1084
APL1084-3.3
T
J=25°C, (Notes 1)
(VIN -VOUT)=3V, 10mA≤ IOUT ≤ 5A
V
I N=5V, 0mA≤ IOUT ≤ 5A
0.05
0.05
0.3
0.5
%
∆V
REF=1% ,IOUT=3A ,TJ =0~125°C
1.2
1.4
V
VD
Dropout Voltage
∆V
REF=1% ,IOUT=5A ,TJ =0~125°C
1.3
1.5
(VIN -VOUT)=1.7V,
TJ=25°C
TJ=125°C
6.0
5.0
7.6
6.0
A
ILIMIT
Current Limit
(VIN -VOUT)=3V,
TJ=25°C
TJ=125°C
6.5
5.5
8.2
6.5
IADJ
Adjust Pin Current
APL1084
(VIN -VOUT)=3V, IOUT=10mA,
TJ=0∼125°C
60
120
µA
∆IADJ Adjust Pin Current
Change APL1084
1.5V≤( VIN -VOUT)≤5.75V,
10mA≤ IOUT≤5A
0.2
5
µA
ILMIN
Minimum Load
Current APL1084
1.5V≤( VIN -VOUT)≤5.75V,
TJ=0∼125°C
210
mA
IQ
Quiescent Current
APL1084-3.3
VI N=5V
8
13
mA
PSRR Ripple Rejection
APL1084
APL1084-3.3
F=120Hz, Cout=22µF, Tant. ,
(VIN -VOUT)=3V, IOUT=5A
F=120Hz, Cout=22µF, Tant. ,
(VIN =6.3V, IOUT=5A
60
dB
LS
Long -Term
Stability
TJ =125°C,1000Hrs.
0.03
1.0
%
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com