Electronic Components Datasheet Search
  English  ▼

X  

DS1920 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS1920
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1920 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS1920 Datasheet HTML 14Page - Maxim Integrated Products DS1920 Datasheet HTML 15Page - Maxim Integrated Products DS1920 Datasheet HTML 16Page - Maxim Integrated Products DS1920 Datasheet HTML 17Page - Maxim Integrated Products DS1920 Datasheet HTML 18Page - Maxim Integrated Products DS1920 Datasheet HTML 19Page - Maxim Integrated Products DS1920 Datasheet HTML 20Page - Maxim Integrated Products DS1920 Datasheet HTML 21Page - Maxim Integrated Products DS1920 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DS1920
22 of 22
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim
reserves the right to change the circuitry and specifications without notice at any time.
M a xi m I n t e g r a t ed P r o d u ct s , 1 20 S an G ab r i el D r i ve , S u n n yval e , C A 940 86 408 - 7 37 - 7600
© 2009 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
REVISION HISTORY
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
082906
In the Common iButton Features, reworded the UL statement.
1
110806
Extended the temperature conversion time from 0.5s to 0.75s
maximum.
11, 15, 16, 18,
19
040108
Removed F3 MicroCAN drawing and ordering information; added
lead-free DS1920-F5+ and removed leaded package from the
Ordering Information table.
1
8/09
Corrected the Ordering Information PART information (added
hyphen to the part number).
1
Removed the UL#913 bullet from the Common iButton Features
section.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com