Electronic Components Datasheet Search
  English  ▼

X  

RFPD3580 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFPD3580
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPD3580 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFPD3580 Datasheet HTML 1Page - Qorvo, Inc RFPD3580 Datasheet HTML 2Page - Qorvo, Inc RFPD3580 Datasheet HTML 3Page - Qorvo, Inc RFPD3580 Datasheet HTML 4Page - Qorvo, Inc RFPD3580 Datasheet HTML 5Page - Qorvo, Inc RFPD3580 Datasheet HTML 6Page - Qorvo, Inc RFPD3580 Datasheet HTML 7Page - Qorvo, Inc RFPD3580 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revision DS20160304
- 2 of 8 -
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFPD3580
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Electrical Specifications
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance. Test conditions unless otherwise noted:
V+ = 34V; TMB = 35°C; ZS = ZL = 75Ω
Operating Frequency Range
45
1218
MHz
Power Gain
21.8
dB
f = 45MHz
22.5
23.0
24.0
dB
f = 1218MHz
Slope[1]
0.5
1.0
2.0
dB
f = 45MHz to 1218MHz
Flatness of Frequency Response
0.8
dB
f = 45MHz to 1218MHz
Input Return Loss
-20
dB
f = 45MHz to 320MHz
-19
dB
f = 320MHz to 640MHz
-17
dB
f = 640MHz to 870MHz
-16
dB
f = 870MHz to 1000MHz
-15
dB
f = 1000MHz to 1218MHz
Output Return Loss
-20
dB
f = 45MHz to 320MHz
-19
dB
f = 320MHz to 640MHz
-18
dB
f = 640MHz to 870MHz
-17
dB
f = 870MHz to 1000MHz
-16
dB
f = 1000MHz to 1218MHz
Noise Figure
3.0
4.0
dB
f = 50MHz to 1218MHz
Total Current Consumption (DC)
530.0
550.0
mA
Parameter
Rating
Unit
RF Input Voltage (single tone)
75
dBmV
DC Supply Over-Voltage (5 minutes)
38
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS status based on EU Directive
2011/65/EU .
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com