Electronic Components Datasheet Search
  English  ▼

X  

ASB0320 Datasheet(PDF) 2 Page - Anachip Corp

Part # ASB0320
Description  SMD Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ASB0320 Datasheet(HTML) 2 Page - Anachip Corp

  ASB0320 Datasheet HTML 1Page - Anachip Corp ASB0320 Datasheet HTML 2Page - Anachip Corp ASB0320 Datasheet HTML 3Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASB0320/30/40
SMD Schottky Barrier Diode
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 2, 2004
2/3
Maximum Rating (at T
A=25ºC unless otherwise noted)
Symbol
Parameter
ASB0320
ASB0330
ASB0340
Unit
VRRM, VR
Repetitive peak reverse voltage
Reverse voltage
20
30
40
V
VR(RMS)
RMS reverse voltage
14
21
28
V
IO
Average forward rectified current
350
mA
IFRM
Repetitive peak forward current
450
mA
IFSM
Forward current, surge peak 8.3 ms
single half sine-wave
1.5
A
TSTG
Storage temperature
-40 to +125
ºC
Tj
Junction temperature
-40 to +125
ºC
Electrical Characteristics (at T
A=25ºC unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IF=20mA
-
-
0.37
VF
Forward voltage
IF=200mA
-
-
0.6
V
ASB0320
-
-
5
ASB0330
-
-
5
IR
Reverse current
ASB0340
VR=10V
VR=20V
VR=30V
-
-
5
uA
CT
Capacitance between terminals
f=1MHz, and 0 VDC
reverse voltage
-
50
-
pF
Trr
Reverse recovery time
IF=IR=10mA, Irr=0.1× IR,
RL=100 ohm
-
6.4
-
nS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com