Electronic Components Datasheet Search
  English  ▼

X  

RFFC5071ATR13 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # RFFC5071ATR13
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ATR13 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button RFFC5071ATR13 Datasheet HTML 5Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 6Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 7Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 8Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 9Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 10Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 11Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 12Page - Qorvo, Inc RFFC5071ATR13 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
9 of 27
www.qorvo.com
®
The RFFC5071A mixer layout and pin placement has been optimized for high mixer-to-mixer isolation of greater than 60 dB. The mixers
can be set up to operate in half duplex mode (1 mixer active) or full duplex mode (both mixers active). This selection is done via control
of MODE and by setting the FULLD bit. When in full duplex mode, either PLL register bank can be used, the LO signal is routed to
both mixers.
Mode
FULLD
Active PLL Register Bank
Active Mixer
Low
0
1
1
High
0
2
2
Low
1
1
1 and 2
High
1
2
1 and 2
Serial Interface
All on-chip registers in the RFFC5071A and RFFC5072A are programmed using a proprietary 3-wire serial bus which supports both write
and read operations. Synthesizer programming, device configuration, and control are achieved through a mixture of hardware and
software controls. Certain functions and operations require the use of hardware controls via the ENBL, MODE, and RESETB pins in
addition to programming via the serial bus. Alternatively, there is the option to control the chip completely via the serial bus
The serial data interface can be configured for 4-wire operation by setting the 4WIRE bit in the SDI_CTRL register high. Then pin 26 is
used as the data out pin, and pin 32 is the serial data in pin.
Hardware Control
Three hardware control pins are provided: ENBL, MODE, and RESETB.
The ENBL pin has two functions: to enable the analog circuits in the chip and to trigger the VCO auto-selection and coarse tuning
mechanisms. The VCO auto-selection and coarse tuning is initiated when the ENBL pin is taken high. Every time the frequency of the
synthesizer is reprogrammed, ENBL has to be asserted high to initiate these mechanisms and then to initiate the PLL locking. Alternatively
following the programming of a new frequency, the PLL re-lock self-clearing bit could be used.
The RESETB pin is a hardware reset control that will reset all digital circuits to their startup state when asserted low. The device includes
a power-on-reset function, so this pin should not normally be required, in which case it should be connected to the positive supply.
The MODE pin controls which mixer(s) and PLL programming register bank is active.
Serial Data Interface Control
The normal mode of operation uses the 3-wire serial data interface to program the device registers, and three extra hardware control
lines: MODE, ENBL and RESETB.
When the device is under software control, achieved by setting the SIPIN bit in the SDI_CTRL register high, then the hardware can be
controlled via the SDI_CTRL register. When this is the case, the three hardware control lines are not required. If the device is under
software control, pins 1 and 9 can be configured as general purpose outputs (GPO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com