Electronic Components Datasheet Search
  English  ▼

X  

RFCA8830 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFCA8830
Description  High Linearity, Low Noise, 19dB Gain Block
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFCA8830 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFCA8830 Datasheet HTML 1Page - Qorvo, Inc RFCA8830 Datasheet HTML 2Page - Qorvo, Inc RFCA8830 Datasheet HTML 3Page - Qorvo, Inc RFCA8830 Datasheet HTML 4Page - Qorvo, Inc RFCA8830 Datasheet HTML 5Page - Qorvo, Inc RFCA8830 Datasheet HTML 6Page - Qorvo, Inc RFCA8830 Datasheet HTML 7Page - Qorvo, Inc RFCA8830 Datasheet HTML 8Page - Qorvo, Inc RFCA8830 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RFCA8830
High Linearity, Low Noise, 19dB Gain Block
Data Sheet –Rev G Dec 10, 2020 | Subject to change without notice
- 4 of 17 -
www.qorvo.com
Bill of Materials (BOM) 45 MHz – 1200 MHz
Description
Designator
Manufacturer
Part Number
Push-Pull Amp, G=19 dB IP3=44 dBm SOIC
U1
RFCA8830SB
PCB, RFCA8830
PCB
CA8830-4000(A)
CAP, 1000pF, 5%, 50 V, C0G, 0603
C13, C16
Murata Electronics-Singapore
GRM1885C1H102JA01D
CAP, 0.9pF, +/-0.05pF, 50V, 0402
C1, C22
Murata Electronics-Singapore
GJM1555C1HR90WB01D
CAP, 1000pF, 5%, 50 V, C0G, 0402
C4, C6
Murata Electronics-Singapore
GRM1555C1H102JA01D
CAP, 470 pF, 5%, 50 V, C0G, 0603
C2, C3, C8, C9
Murata Electronics-Singapore
GRM1885C1H471JA01D
CAP, 1.8pF, +/-0.1pF, 16V, 0402
C20, C21
TAIYO YUDEN
RV EVK105 CH1R8BW-F
CAP, 1μF, 10%, 16 V, X7R, 0603
C12, C17
Murata Electronics-Singapore
GRM188R71C105KA12D
CAP, 100 pF, 5%, 50 V, C0G, 0603
C14, C15
Murata Electronics-Singapore
GRM1885C1H101JA01D
IND, 560nH, 5%, 550 mA, W/W, 0603
L2, L3
CoilCraft, Inc.
0603LS-561XJLB
IND, 5.6nH, +/- 0.1nH, 0402
L1
Murata Electronics-Singapore
LQP15MN5N6S02D
IND, 4.7nH, +/- 0.1nH, 0402
L4
Murata Electronics-Singapore
LQP15MN4N7B02D
RES, 430Ω, 1%, 1/10W, 0402
R2, R3
Panasonic Industrial Devices
ERJ-2RKF4300X
RES, 806Ω, 1%, 1/10W, 0402
R8
Panasonic Industrial Devices
ERJ-2RKF8060X
RES, 100Ω, 1%, 1/10W, 0402
R11, R12
Panasonic Industrial Devices
ERJ-2RKF1000X
RES, 15Ω, 1%, 0402
R4, R5
Kamaya, Inc
RMC1/16S-150FTH
RES, 0Ω, 0402
R1, R6, R9
Kamaya, Inc
RMC1/16SJPTH
XFMR, 1:1, 4.5-3000MHz, 75 Ω, SMD
T1, T2
MACOM
MABACT0059
CONN, HDR, ST, 4-PIN, 0.100”
P1
SAMTEC INC.
TSW-104-08-S-S
CONN, F FEM EDGE MOUNT, 75 Ω, 0.068"
J1, J2
Millimeter Wave Tech, LLC
MW-846-C-DD-75
HEATSINK BLOCK, 1.5 X 2.0 IN
Shenzhen Minxingda Automation
EEF-105441
SCREW, 2-56 X 3/16", SOCKET HEAD
S1-S4
McMaster-Carr Supply Co.
92196A076
DNP
R7, R10, R13,
C5, C7, C10,
C11, C18, C19
Not Populated Item
Dummy Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com