Electronic Components Datasheet Search
  English  ▼

X  

RF7320 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RF7320
Description  3V LTE Band 20 Linear PA Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF7320 Datasheet(HTML) 1 Page - Qorvo, Inc

  RF7320 Datasheet HTML 1Page - Qorvo, Inc RF7320 Datasheet HTML 2Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of
2
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
RF7320
3V LTE Band 20 Linear PA Module
The RF7320 is a high-power, high-efficiency linear power amplifier
designed for use as final amplification stage in a 3V, 50
 LTE mobile cel-
lular equipment. This PA is developed for the E-UTRAN\LTE Band 20 which
operates in the 832MHz to 862MHz frequency band. The PA is specifically
developed for 5MHz to 20MHz channel bandwidths used for Band 20
operations on the LTE network. The RF7320 has two digital control pins to
select one of three power bias states to optimize performance and current
drain at lower power levels. The part also has an integrated directional
coupler which eliminates the need for an external discrete coupler at the
output. The RF7320 is fully LTE compliant and is assembled in a 10-pin,
3mm x 3mm module.
Features
LTE Band 20
Best-in-Class LTE Efficiency
41%, +27.5 dBm output
power (MPR=0)
High Power Gain: 30dB
Optimized using DC-DC
converter Operation: RF6650
recommended
Three Power States with
Digital Control Interface
Integrated Power Coupler
Integrated Blocking and
Decoupling Capacitors
Applications
LTE Wireless Handsets and
Datacards
RF7320
3V LTE Band 20 Linear PA Module
RF7320PCBA-410
Fully Assembled Evaluation Board
DS121029
Package: Module, 10-Pin, 3.0mm x 3.0mm x 0.8mm


Similar Part No. - RF7320

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7320PCBA-410 RFMD-RF7320PCBA-410 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
More results

Similar Description - RF7320

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7321DS RFMD-RF7321DS Datasheet
671Kb / 10P
3V LTE Band 11, 21 Linear PA Module
RF7411 RFMD-RF7411 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
3V WCDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7321DS QORVO-RF7321DS Datasheet
671Kb / 10P
3V LTE Band 11, 21 Linear PA Module
RF7321 QORVO-RF7321 Datasheet
671Kb / 10P
3V LTE Band 11, 21 Linear PA Module
RF7317A QORVO-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com