Electronic Components Datasheet Search
  English  ▼

X  

RF7303 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RF7303
Description  3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF7303 Datasheet(HTML) 1 Page - Qorvo, Inc

  RF7303 Datasheet HTML 1Page - Qorvo, Inc RF7303 Datasheet HTML 2Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RF7303
3V LTE/UMTS/CDMA BAND 3
LINEAR PA MODULE
The RF7303 is a high-power, high-efficiency linear power amplifier
designed for use as final amplification stage in a 3V, 50
 LTE/UMTS/
CDMA mobile cellular equipment. This PA is developed for the E-
UTRAN/LTE Bands within the 1710MHz to 1785MHz and along with CDMA
Band 15 (BC15) that operates within the 1710MHz to 1755MHz frequency
band. The RF7303 has two digital control pins to select one of three
power bias states to optimize performance and current drain at lower
power levels. The part also has an integrated directional coupler which
eliminates the need for an external discrete coupler at the output. The
RF7303 meets spectral linearity requirements for CDMA, HSDPA, HSUPA,
and fully capable of LTE data transmission. The RF7303 part assembled
in a 10-pin, 3mm x 3mm module.
Features
Multi-Mode LTE/UMTS/CDMA
LTE/UMTS Bands 3, 4, 9, and
10
CDMA Band Class 15
LTE PA Efficiency 38%,
+28dBm
Best-in-Class Current
Consumption
Optimized use with DC-DC
converter Operation
Three Power States with
Digital Control Interface
Integrated Power Coupler
Integrated Blocking and
Decoupling Capacitors
Applications
LTE/UMTS/CDMA Wireless
Handsets and Datacards
RF7303
3V WCDMA/CDMA B3 Linear PA Module
RF7303PCBA-410
Fully Assembled Evaluation Board
DSB121029
Package Style: Module, 10-Pin, 3mm x 3mm x 0.8mm


Similar Part No. - RF7303

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7303PCBA-410 RFMD-RF7303PCBA-410 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results

Similar Description - RF7303

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
3V W-CDMA BAND 8 LINEAR PA MODULE
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7321DS RFMD-RF7321DS Datasheet
671Kb / 10P
3V LTE Band 11, 21 Linear PA Module
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7317A QORVO-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com