Electronic Components Datasheet Search
  English  ▼

X  

RF5755 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # RF5755
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5755 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button RF5755 Datasheet HTML 7Page - Qorvo, Inc RF5755 Datasheet HTML 8Page - Qorvo, Inc RF5755 Datasheet HTML 9Page - Qorvo, Inc RF5755 Datasheet HTML 10Page - Qorvo, Inc RF5755 Datasheet HTML 11Page - Qorvo, Inc RF5755 Datasheet HTML 12Page - Qorvo, Inc RF5755 Datasheet HTML 13Page - Qorvo, Inc RF5755 Datasheet HTML 14Page - Qorvo, Inc RF5755 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5755 Performance Graphs (cont.)
20
22
24
26
28
30
32
34
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.23 1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
GAIN (dB)
Operating 
Current  
(A)
Output Power (dBm)
RF5755: Operating Current and GAIN vs. Output Power vs. Vreg
(VCC=3.3v; Freq=2450MHz; Temp=25°C)
Vreg=3.0v
Vreg=3.1v
Vreg=3.2v
‐0.001
9E‐18
0.001
0.002
0.003
0.004
0.005
0.23
12
34567
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Ireg 
(A)
Output Power (dBm)
RF5755: Ireg Current vs. Output Power vs. Vreg Voltage
(VCC=3.3v; Freq=2450MHz; Temp=25°C)
Vreg=3.0v
Vreg=3.1v
Vreg=3.2v
‐0.001
1E‐17
0.001
0.002
0.003
0.004
0.005
0.23
1
2
3
4
5
6
7
8
9
10
1112
1314
15
161718
19
202122
23
Ireg 
(A)
Output Power (dBm)
RF5755: Ireg Current vs. Output Power vs. Temperature
(VCC=3.3v; VREG=3.1v; Freq=2450MHz)
‐10C
+25C
+70C
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐25
‐20
0.15
2468
10
12
14
16
18
20
22
ACP1 
(dBc)
Output Power (dBm)
RF5755: ACP1 vs. Output Power vs. Temperature
(VCC=3.3v; VREG=3.1v; Freq=2450MHz)
‐10C
+25C
+70C
‐80
‐75
‐70
‐65
‐60
‐55
‐50
‐45
‐40
‐35
‐30
0.15
2468
10
12
14
16
18
20
22
ACP2 
(dBc)
Output Power (dBm)
RF5755: ACP2 vs. Output Power vs. Temperature
(VCC=3.3v; VREG=3.1v; Freq=2450MHz)
‐10C
+25C
+70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com