Electronic Components Datasheet Search
  English  ▼

X  

RF5565SQ Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RF5565SQ
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5565SQ Datasheet(HTML) 1 Page - Qorvo, Inc

  RF5565SQ Datasheet HTML 1Page - Qorvo, Inc RF5565SQ Datasheet HTML 2Page - Qorvo, Inc RF5565SQ Datasheet HTML 3Page - Qorvo, Inc RF5565SQ Datasheet HTML 4Page - Qorvo, Inc RF5565SQ Datasheet HTML 5Page - Qorvo, Inc RF5565SQ Datasheet HTML 6Page - Qorvo, Inc RF5565SQ Datasheet HTML 7Page - Qorvo, Inc RF5565SQ Datasheet HTML 8Page - Qorvo, Inc RF5565SQ Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
TX IN
RX O UT
ANT
VREG
12
11
10
9
8
7
6
5
4
3
2
1
16
15
14
13
2Fo Filter
GND
C BT
N/C
LNA VDD
SP3T
RF5565
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
FRONT END MODULE
The RF5565 provides a complete integrated solution in a single Front End
Module (FEM) for WiFi 802.11b/g/n and Bluetooth® systems. The ultra
small form factor and integrated matching greatly reduces the number of
external components and layout area in the customer application. This
simplifies the total Front End solution by reducing the bill of materials, sys-
tem footprint, and manufacturability cost. The RF5565 integrates a
2.4GHz Power Amplifier (PA), Low Noise Amplifier (LNA) with bypass mode,
power detector coupler for improved accuracy, and some filtering for har-
monic rejection. The device is provided in a 3mmx3mmx0.5mm, 16-pin
package. This module meets or exceeds the RF Front End needs of IEEE
802.11b/g/n WiFi RF systems.
Features
Integrated 2.4GHz to 2.5GHz
b/g/n Amplifier, LNA, SP3T
Switch, and Power Detector
Coupler
Single Supply Voltage 3.0V to
4.8V
POUT=19.5dBm, 11g, OFDM
at <3.3% EVM, 22dBm 11b
Meeting 11b Spectral Mask
Low Height Package, Suited
for SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
SmartEnergy
RF5565SQ
Standard 25 pieces sample bag
RF5565SR
Standard 100 pieces reel
RF5565TR7
Standard 2500 pieces reel
RF5565PCK-410
Fully assembled evaluation board with 5-piece bag
DS120214
Package Style: QFN, 16-pin, 3mmx3mmx0.5mm


Similar Part No. - RF5565SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RF5565SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com