Electronic Components Datasheet Search
  English  ▼

X  

RF2312 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RF2312
Description  Linear General Purpose Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF2312 Datasheet(HTML) 3 Page - Qorvo, Inc

  RF2312 Datasheet HTML 1Page - Qorvo, Inc RF2312 Datasheet HTML 2Page - Qorvo, Inc RF2312 Datasheet HTML 3Page - Qorvo, Inc RF2312 Datasheet HTML 4Page - Qorvo, Inc RF2312 Datasheet HTML 5Page - Qorvo, Inc RF2312 Datasheet HTML 6Page - Qorvo, Inc RF2312 Datasheet HTML 7Page - Qorvo, Inc RF2312 Datasheet HTML 8Page - Qorvo, Inc RF2312 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Page 3 of 13
RF2312
Linear General Purpose Amplifier
Data Sheet Rev (C), December 16, 2020| Subject to change without notice
www.qorvo.com
®
77 Channels
Parameter
Conditions
Min
Typical Max Units
77 Channels to 550 MHz at 10 dBmV,
CSO
61.25 
MHz
>86
dBc
83.25 
MHz
>86
dBc
193.25  MHz
76
dBc
313.2625 MHz
72
dBc
547.25  MHz
64
dBc
CTB
61.25 
MHz
>86
dBc
83.25 
MHz
>86
dBc
193.25  MHz
86
dBc
313.2625 MHz
84
dBc
547.25  MHz
83
dBc
CNR
65
66
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com