Electronic Components Datasheet Search
  English  ▼

X  

MBC800 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # MBC800
Description  5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC800 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  MBC800 Datasheet HTML 1Page - Bel Fuse Inc. MBC800 Datasheet HTML 2Page - Bel Fuse Inc. MBC800 Datasheet HTML 3Page - Bel Fuse Inc. MBC800 Datasheet HTML 4Page - Bel Fuse Inc. MBC800 Datasheet HTML 5Page - Bel Fuse Inc. MBC800 Datasheet HTML 6Page - Bel Fuse Inc. MBC800 Datasheet HTML 7Page - Bel Fuse Inc. MBC800 Datasheet HTML 8Page - Bel Fuse Inc. MBC800 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
MBC800 Series
tech.support@psbel.com
Isolation Voltage
Input to Output
Input to Earth
Output to Earth
4245 VAC
1625 VAC
1500 VAC
Safety Standard(s)
EN 60601-1, IEC 60601-1 (ed.3),
ANSI/AAMI ES 60601-1, CSA C22.2 No. 60601-1
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
Operating Temperature
Refer to derating curves
-40 to +70°C
Storage Temperature
-40 to +85°C
Relative Humidity
Non-condensing
95% Rh
Altitude
Operating:
Non-operating:
16,000 ft.
40,000 ft.
MTBF
Telcordia -SR332-issue 3
3.37 million hours
Power Good / Fail Signal
Power Good: Is a TTL signal which goes high after main output reaches 90% of its set value.
The delay is 0.1 s to 0.5 s
Power Fail: The same signal goes low at least 1ms before main output falls to 90% of set value at AC Power off
Remote Sense
Compensates for 200 mV drop
Remote On / Off
Pin 6 & Pin 7 of J3 can be used for Remote on/off.
Shorting Pin 6 to Pin 7 enables main output while keeping the pins open disables main output
Note: - Provision of Inhibit Remote ON/OFF is available. +5V at Pin 7 will switch off the main output.
OCP Limit Set
Pin 8 & Pin 9 of J3 must be left open
Figure 1. Power Good / Fail Signal Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com