Electronic Components Datasheet Search
  English  ▼

X  

ASM58-K Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # ASM58-K
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ASM58-K Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  ASM58-K Datasheet HTML 1Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 2Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 3Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 4Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 5Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
ASM58-K
5
Zero-set input (Preset)
Level
counting direction by cw revolution
(with view onto the shaft)
High
(input open or connected to +UB)
ascending
Low
(Input connected to GND)
descending
Level
Funktion
Low
(input open or connected to GND)
Output position value
High
(Input connected to +UB or Ue > 4,5 V)
Activation with falling edge (min. 100 ms)
Indicators/operation means
Preset key
Manually zero setting of the position value.
LED green
• Lights up with supplied encoder
• Goes off while preset key is pressed
LED red
Alarm/error indication
• pre-fault indication (data output ist continued)
• internal memory error (all data bits are set to high
level permanently)
Input counting direction (V/R)
IN
Filter
Logic
Pull up
⊥
Ue
Zero-set input (Preset)
IN
Filter
Logic
Pull down
⊥
Ue
Key



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com