Electronic Components Datasheet Search
  English  ▼

X  

CVM58 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # CVM58
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

CVM58 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  CVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
CVM58
5
Order code
CV M 5 8
–
R 0 B N –
Number of bits singleturn
12
4096 (standard)
13
8192
16
65536
Number of bits multiturn
12
4096 (standard)
14
16384
Option 2
N
Not expanded
Output code
B
Binary
Option 1
0
No option
Exit position
R
Radial
Connection type
AG
Removable housing cover with terminal compartment
AN
Removable housing cover with connectors M12x1
Shaft dimension/flange version
011
Shaft Ø10 mm x 20 mm with clamping flange
032
Shaft Ø6 mm x 10 mm with servo flange
Housing material
N
Aluminium, powder coated
I
Inox
W
Aluminium, powder coated with shaft seal
Principle of operation
M
Multiturn
Shaft version
V
Solid shaft
Data format
C
CAN Bus



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com