Electronic Components Datasheet Search
  English  ▼

X  

1619952 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1619952
Description  Device connector, front mounting - CA-07P1N222S00
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1619952 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1619952 Datasheet HTML 1Page - PHOENIX CONTACT 1619952 Datasheet HTML 2Page - PHOENIX CONTACT 1619952 Datasheet HTML 3Page - PHOENIX CONTACT 1619952 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1619952
04/01/2016   Page 1 / 4
Device connector, front mounting - CA-07P1N222S00 - 1619952
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Device connector for front wall, straight, shielded: yes, SPEEDCON locking, M23, Number of positions: 7, Type of
contact: Male connector, Solder-in connection, Flat gasket, 4x Ø3.2, Flange dimensions: 25 mm x 25 mm
The figure shows the 6-pos. product
version
Key Commercial Data
Packing unit
1 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Temperature range
Ambient temperature (operation)
-40 °C ... 125 °C
Dimensions
free solder pin length
3.5 mm
Data of the insulating body
Coding
N
Insulator material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Contact connection method
Solder-in connection
Type of contacts
Male connector
Number of positions
7
Contact diameter of power contacts
2 mm
Nominal current per power contact at 25°C
20 A
Nominal voltage, power contact
300 V
Overvoltage category
II


Similar Part No. - 1619952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619950 PHOENIX-1619950 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09P1N222S00
1619951 PHOENIX-1619951 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09S1N222S00
1619953 PHOENIX-1619953 Datasheet
73Kb / 4P
Device connector, front mounting - CA-07S1N222S00
1619954 PHOENIX-1619954 Datasheet
74Kb / 4P
Device connector, front mounting - CA-06P1N222S00
1619955 PHOENIX-1619955 Datasheet
73Kb / 4P
Device connector, front mounting - CA-06S1N222S00
More results

Similar Description - 1619952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619868 PHOENIX-1619868 Datasheet
67Kb / 4P
Device connector, front mounting - CA-09P1N126Y00
1619869 PHOENIX-1619869 Datasheet
67Kb / 4P
Device connector, front mounting - CA-09S1N126Y00
1619876 PHOENIX-1619876 Datasheet
67Kb / 4P
Device connector, front mounting - CA-06P1N126Y00
1624051 PHOENIX-1624051 Datasheet
320Kb / 6P
Device connector, front mounting - CA-12S1N126L00
1619926 PHOENIX-1619926 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09P1NA22S00
1619928 PHOENIX-1619928 Datasheet
74Kb / 4P
Device connector, front mounting - CA-07P1NA22S00
1619925 PHOENIX-1619925 Datasheet
75Kb / 4P
Device connector, front mounting - CA-12S1NA22S00
1619912 PHOENIX-1619912 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09S1NC22S00
1619902 PHOENIX-1619902 Datasheet
66Kb / 4P
Device connector, front mounting - CA-06P1N126Z00
1619904 PHOENIX-1619904 Datasheet
77Kb / 4P
Device connector, front mounting - CA-17P1NC22S00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com