Electronic Components Datasheet Search
  English  ▼

X  

SPF5043Z Datasheet(PDF) 1 Page - Qorvo, Inc

Part # SPF5043Z
Description  50 MHz to 4000 MHz Low-Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SPF5043Z Datasheet(HTML) 1 Page - Qorvo, Inc

  SPF5043Z Datasheet HTML 1Page - Qorvo, Inc SPF5043Z Datasheet HTML 2Page - Qorvo, Inc SPF5043Z Datasheet HTML 3Page - Qorvo, Inc SPF5043Z Datasheet HTML 4Page - Qorvo, Inc SPF5043Z Datasheet HTML 5Page - Qorvo, Inc SPF5043Z Datasheet HTML 6Page - Qorvo, Inc SPF5043Z Datasheet HTML 7Page - Qorvo, Inc SPF5043Z Datasheet HTML 8Page - Qorvo, Inc SPF5043Z Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
SPF5043Z
50 MHz to 4000 MHz Low-Noise Amplifier
Datasheet, June 12, 2018 | Subject to change without notice
1 of 14
www.qorvo.com
SOT-343 Package
Product Features
• 0.8 dB Ultra-Low Noise Figure at 900 MHz
• 18.2 dB Gain at 900 MHz
• 35 dBm OIP3 High Linearity at 1900 MHz
• 22.7 dBm P1dB at 1900 MHz
• 3 V to 5 V Flexible, Single-Supply Operation
• 46mA IDQ, Adjustable
• Broadband Internal Matching
Applications
• Cellular, PCS, W-CDMA, ISM and LTE
• Low Noise, High Linearity Gain Block Applications
General Description
The SPF5043Z is a high-performance GaAs pHEMT
MMIC LNA designed for operation from 50 MHz to 4000
MHz. The on-chip active bias network provides stable
current over temperature and process threshold voltage
variations.
The SPF5043Z offers ultra-low noise figure and high
linearity performance in a gain block configuration. Its
single-supply operation and integrated matching networks
make
implementation
remarkably
simple.
The
high
maximum input power specification makes it ideal for high
dynamic range receivers.
Functional Block Diagram
Ordering Information
Part No.
Description
SPF5043Z
3000 pieces on a 7” Reel
SPF5043ZSR
100 pieces
on a 7” Reel
SPF5043ZPCK1 400-3000 MHz EVB with 5pc sample bag
Pin 1 Reference Mark
3
4
GND
RF Out
RF In
GND
2
1


Similar Part No. - SPF5043Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPF5043Z RFMD-SPF5043Z Datasheet
1Mb / 13P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
More results

Similar Description - SPF5043Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
logo
BeRex Corporation
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
logo
BeRex Corporation
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_18 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com