Electronic Components Datasheet Search
  English  ▼

X  

RFUV1703 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFUV1703
Description  21 GHz to 26.5 GHz GaAs MMIC IQ Upco
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFUV1703 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFUV1703 Datasheet HTML 1Page - Qorvo, Inc RFUV1703 Datasheet HTML 2Page - Qorvo, Inc RFUV1703 Datasheet HTML 3Page - Qorvo, Inc RFUV1703 Datasheet HTML 4Page - Qorvo, Inc RFUV1703 Datasheet HTML 5Page - Qorvo, Inc RFUV1703 Datasheet HTML 6Page - Qorvo, Inc RFUV1703 Datasheet HTML 7Page - Qorvo, Inc RFUV1703 Datasheet HTML 8Page - Qorvo, Inc RFUV1703 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RFUV1703
21 GHz to 26.5 GHz GaAs MMIC IQ Upconverter
Data Sheet Rev. G, June 2020 | Subject to change without notice
4 of 13
www.qorvo.com
®
Performance Plots – USB LO Leakage & Over Temperature
Measurements performed with I and Q (IF) ports connected to an external 90° Hybrid
Test conditions unless otherwise noted: LO Power = 0 dBm and IF = 2.5 GHz, -10 dBm
VLOA1 = VLOA2 = 4 V, ILOA1,2 = 205 mA; VLPA12 = 3.5 V, Adjust VG1 around -0.4 V to get ILPA12 = 120 mA
VMPA = 4.5 V, Adjust VG2 to get IMPA = 120 mA, ITOTAL = 445 mA, VC1 = VC2 = -4 V
VMPA = 4.5 V, Adjust VG2 to get IMPA = 120 mA, ITOTAL = 445 mA, VC1 = VC2 = -4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com