Electronic Components Datasheet Search
  English  ▼

X  

RFSA2023 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFSA2023
Description  Voltage Controlled Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2023 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFSA2023 Datasheet HTML 1Page - Qorvo, Inc RFSA2023 Datasheet HTML 2Page - Qorvo, Inc RFSA2023 Datasheet HTML 3Page - Qorvo, Inc RFSA2023 Datasheet HTML 4Page - Qorvo, Inc RFSA2023 Datasheet HTML 5Page - Qorvo, Inc RFSA2023 Datasheet HTML 6Page - Qorvo, Inc RFSA2023 Datasheet HTML 7Page - Qorvo, Inc RFSA2023 Datasheet HTML 8Page - Qorvo, Inc RFSA2023 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RFSA2023
Voltage Controlled Attenuator
Datasheet, October 14, 2018 | Subject to change without notice
3 of 16
www.qorvo.com
®
50 MHz
 to 6000 MHz Evaluation Board – RFSA2023PCK-410
Evaluation Board Assembly Top View
Evaluation Board Schematic
Bill of Material  –  RFSA2023PCK-410
Ref. Des.
Value
Description
Manuf.
Part Number
PCB
-
PCB, Printed Circuit Board, SA2013-410
Qorvo
U1
-
VCA, Voltage Control Attenuator, 3.3 V
Qorvo
RFSA2023
J1, J2
-
CONN, SMA End LNCH MINI FLT, 0.068”
Emerson
142-0741-851
P1
-
CONN, HDR, ST, 4-
PIN, 0.100”, T/H
MOLEX
22-28-4043
C1, C2, C3
1000 pF
CAP, 1000pF, 10%, 25V, X7R, 0402
Murata
GRM155R71H102KA01D
C4
1.0
μF
CAP, 1.0
μF, 10%, 25V, X7R, 1206
Murata
GRM31MR71E105KA01L
R5
0
Ω
RES, 0
Ω, 5%, 0402
Kamaya
RMC1/16SJPTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com