Electronic Components Datasheet Search
  English  ▼

X  

RFPP3870 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFPP3870
Description  CATV Push Pull Hybrid 1218MHz 28dB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPP3870 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFPP3870 Datasheet HTML 1Page - Qorvo, Inc RFPP3870 Datasheet HTML 2Page - Qorvo, Inc RFPP3870 Datasheet HTML 3Page - Qorvo, Inc RFPP3870 Datasheet HTML 4Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RFPP3870
CATV Push Pull Hybrid 1218MHz 28dB
Data Sheet Rev. C, November 14, 2017 | Subject to change without notice
1 of 4
www.qorvo.com
®
Product Description
The RFPP3870 is a Hybrid Push Pull amplifier module.
The part employs GaAs MESFET, GaAs pHEMT and GaN
HEMT die and is operated from 45 MHz to 1218 MHz. It
provides excellent linearity and superior return loss
performance with low noise and optimal reliability.
Package: SOT-115J
Product Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under all Terminations
28.0 dB Min Gain at 1218 MHz
270 mA Max. at 24 VDC
Applications
• 45
 – 1218 MHz CATV Amplifier Systems
Functional Block Diagram
Ordering Information
Part No.
Description
RFPP3870
Box with 50 pcs
INPUT
OUTPUT
V+
RFPP3870


Similar Part No. - RFPP3870

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
More results

Similar Description - RFPP3870

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
28dB Push Pull Hybrid 40MHz to 1003MHz
logo
Qorvo, Inc
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
75 11dB CATV Push Pull Amplifier 45 ??1218MHz
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
75 28dB CATV Doubler Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
CATV Push Pull Hybrid 1218MHz 34dB
S10040140P1 QORVO-S10040140P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 14dB
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1218MHz
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPB8857 QORVO-QPB8857_V01 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com