Electronic Components Datasheet Search
  English  ▼

X  

MCC600 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MCC600
Description  5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MCC600 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MCC600 Datasheet HTML 1Page - Bel Fuse Inc. MCC600 Datasheet HTML 2Page - Bel Fuse Inc. MCC600 Datasheet HTML 3Page - Bel Fuse Inc. MCC600 Datasheet HTML 4Page - Bel Fuse Inc. MCC600 Datasheet HTML 5Page - Bel Fuse Inc. MCC600 Datasheet HTML 6Page - Bel Fuse Inc. MCC600 Datasheet HTML 7Page - Bel Fuse Inc. MCC600 Datasheet HTML 8Page - Bel Fuse Inc. MCC600 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MCC600 Series
tech.support@psbel.com
MCC600-1T12
MCC600-1T12-H
MCC600-1T12-P
12 V
U-Channel
U-Channel + Slotted Cover
U-Channel + Plain Cover
25 A
17.5 A
15 A
0.0 A
2%
MCC600-1T15
MCC600-1T15-H
MCC600-1T15-P
15 V
U-Channel
U-Channel + Slotted Cover
U-Channel + Plain Cover
25 A
17.5 A
15 A
0.0 A
2%
MCC600-1T24
MCC600-1T24-H
MCC600-1T24-P
24 V
U-Channel
U-Channel + Slotted Cover
U-Channel + Plain Cover
25 A
17.5 A
15 A
0.0 A
2%
MCC600-1T30
MCC600-1T30-H
MCC600-1T30-P
30 V
U-Channel
U-Channel + Slotted Cover
U-Channel + Plain Cover
20 A
14 A
12 A
0.0 A
2%
MCC600-1T48
MCC600-1T48-H
MCC600-1T48-P
48 V
U-Channel
U-Channel + Slotted Cover
U-Channel + Plain Cover
12.5 A
8.75 A
7.5 A
0.0 A
2%
MCC600-1T58
MCC600-1T58-H
MCC600-1T58-P
58 V
U-Channel
U-Channel + Slotted Cover
U-Channel + Plain Cover
10.34 A
7.25 A
6.2 A
0.0 A
2%
1
To order product without the redundancy diode option please add the suffix-Sxxx to your required part number.
Please contact the factory for availability.
2
For Ripple measurement minimum output power requirement is 25 W.
Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Electrolytic capacitor) in parallel with a 0.1 µF capacito r at rated line voltage and
load ranges.
Specifications are for nominal input voltage, 25°C unless otherwise stated.
Input Voltage
Universal
85 – 264 VAC / 120 – 390 VDC
Input Frequency
47 – 63 Hz
Input Current
120 VAC:
240 VAC:
6.5 A max.
3.2 A max.
Input Protection
In Live & Neutral both
F16 A / 250 V
No Load Power
Over entire input range with main output kept OFF using
Remote ON/OFF
3 W typ.
Inrush Current
240 VAC:
25 A max.
Leakage Current
240 VAC / 50 Hz
400 µA
Touch Current
< 100 µA
Power Factor
120 VAC:
240 VAC:
0.98
0.95
Switching Frequency
PFC converter: Variable
Resonant converter: Variable
85 kHz typical
100 kHz typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com