Electronic Components Datasheet Search
  English  ▼

X  

8034838 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8034838
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8034838 Datasheet(HTML) 2 Page - Festo Corporation.

  8034838 Datasheet HTML 1Page - Festo Corporation. 8034838 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Nominal pick-up current per solenoid coil
72 mA to 30 ms
Coil characteristics
24 V DC: 1.6 W
Surge resistance
2.5 kV
Contamination level
3
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
Relative air humidity
0 - 90 %
Ambient temperature
-5 °C ... 50 °C
Product weight
426 g
Electrical connection
Plug-in
as per ISO 5599-2
Type of mounting
On sub-base
Pilot air port 12/14
Sub-base, size 1 as per ISO 5599-2
Pilot exhaust air port 82/84
Optionally:
Not ducted as per standard
Ducted
Pneumatic connection 1
Sub-base, size 1 as per ISO 5599-2
Pneumatic connection 2
Sub-base, size 1 as per ISO 5599-2
Pneumatic connection 3
Sub-base, size 1 as per ISO 5599-2
Pneumatic connection 4
Sub-base, size 1 as per ISO 5599-2
Pneumatic connection 5
Sub-base, size 1 as per ISO 5599-2
Note on materials
RoHS-compliant
Seals material
FPM
HNBR
NBR
Housing material
Die-cast aluminum
PA
Material of screws
Steel, galvanized
9/2/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com